전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7S44TAJ-R

  • AI
    The **M7S44TAJ-R** is an electronic component manufactured by **Macronix (MXIC)**. It belongs to the family of **Multi-Chip Package (MCP)** memory devices, which are designed to save space on printed circuit boards by stacking different memory types into a single physical housing. --- ### 1. Key Technical Specifications Based on the part number nomenclature for Macronix MCP devices, here are the primary technical characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | Multi-Chip Package (MCP) | | **Memory 1 (NAND)** | 4Gb (4-Gigabit) SLC NAND Flash | | **Memory 2 (RAM)** | 2Gb (2-Gigabit) LPDDR2 SDRAM | | **Voltage Range** | 1.8V (Standard for mobile/low-power applications) | | **Package Type** | 149-ball FBGA (Fine-pitch Ball Grid Array) | | **Operating Temp** | Industrial Grade (-40°C to +85°C) | --- ### 2. Functional Components #### A. SLC NAND Flash (4Gb) * **Purpose:** Non-volatile storage for the operating system, firmware, and user data. * **Technology:** Single-Level Cell (SLC) technology is used because it offers higher endurance (more write cycles) and faster speeds compared to MLC or TLC flash. * **Interface:** Parallel NAND interface. #### B. LPDDR2 SDRAM (2Gb) * **Purpose:** Volatile working memory for the processor to execute code and store temporary data. * **Technology:** Low Power Double Data Rate 2 (LPDDR2). It is optimized for mobile applications to minimize power consumption while maintaining high data throughput. --- ### 3. Common Applications This specific combination of 4Gb Flash and 2Gb RAM is typically found in embedded systems and telecommunications hardware, such as: * **4G LTE Modules:** Used in M2M (Machine to Machine) communication. * **IoT Gateways:** Devices requiring a reliable OS boot and sufficient RAM for data processing. * **Feature Phones:** Older or specialized mobile handsets. * **Industrial Controllers:** Where space is limited and reliability is critical. --- ### 4. Advantages of the MCP Design 1. **Space Efficiency:** By stacking the Flash and RAM, the physical footprint on the PCB is reduced by approximately 50%. 2. **Simplified Routing:** The internal connections between the memory chips are handled within the package, reducing the complexity of the PCB trace layout. 3. **Power Integrity:** Shorter internal interconnects lead to lower parasitic capacitance and better signal integrity.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the 149-ball FBGA package?
    • ⤷ How does SLC NAND compare to MLC in terms of lifespan for this part?
    • ⤷ Are there recommended replacement parts if this model is end-of-life (EOL)?