전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7S45FBJ-R

  • AI
    The **M7S45FBJ-R** is a specific part number typically associated with **Quartz Crystal Oscillators**, often manufactured by companies like **Mercury Electronic**. These components are essential in digital circuits to provide a stable clock signal. --- ### 1. Technical Specifications Below is a breakdown of the typical technical parameters for this series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Crystal Oscillator (SPXO) | | **Frequency Range** | Typically fixed (e.g., 1MHz to 150MHz depending on specific variant) | | **Supply Voltage** | 5.0V (Standard for the '7S' series) | | **Output Type** | CMOS / TTL | | **Package Type** | SMD (Surface Mount Device) | | **Dimensions** | 7.0 x 5.0 mm | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### 2. Key Internal Components The "Electronic Parts" inside this small SMD package consist of three primary elements: 1. **The Quartz Blank:** A precision-cut piece of synthetic quartz. It acts as the resonator, vibrating at a specific frequency when an electric field is applied (Piezoelectric effect). 2. **The Oscillator IC:** An integrated circuit that contains the inverter/amplifier to maintain the oscillation and the output buffer to drive the signal to the rest of the PCB. 3. **Varactor/Capacitors:** Internal load capacitors that ensure the crystal stays on its resonant frequency. --- ### 3. Part Number Decoder While coding varies by manufacturer, the **M7S** series generally follows this logic: * **M7S:** Refers to the series (7.0x5.0mm, 5.0V operation). * **45:** Often denotes frequency stability (e.g., ±50ppm or ±25ppm). * **FB:** Refers to the operating temperature range and output symmetry. * **J:** Often indicates the specific "Tri-state" function (Enable/Disable pin). * **R:** Usually signifies **RoHS Compliant** or "Tape and Reel" packaging. --- ### 4. Typical Applications * **Microcontrollers:** Providing the external clock for high-speed MCUs. * **Networking:** Ethernet switches and routers requiring precise timing. * **Industrial Automation:** Control systems that operate in wide temperature ranges.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a crystal and a crystal oscillator like the M7S45FBJ-R?
    • ⤷ How do I interpret the 'Tri-state' function on pin 1 of this device?
    • ⤷ What are the common failure modes for SMD oscillators in high-vibration environments?