전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7S45TAJ-R

  • AI
    The **M7S45TAJ-R** is a specific part number typically associated with **Electrolytic Capacitors**, specifically high-performance Surface Mount (SMD) aluminum electrolytic capacitors produced by manufacturers like **Lelon** or **CapXon** (often used in V-Chip series). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### ## Technical Specifications Based on the standard nomenclature for this series, here are the primary technical attributes: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Aluminum Electrolytic Capacitor | | **Mounting Type** | Surface Mount Device (SMD / V-Chip) | | **Capacitance** | 4.7 µF (Microfarads) | | **Voltage Rating** | 50V DC | | **Tolerance** | ±20% (M) | | **Temperature Range** | -40°C to +105°C | | **Case Size** | Usually 4x5.4mm or 5x5.4mm | | **Packaging** | Tape & Reel (indicated by the -R suffix) | --- ### ## Breakdown of the Part Number Electronic components follow a specific coding logic. For the M7S series, it generally breaks down as follows: 1. **M7S**: Series designation. This indicates a **low impedance** or **long-life** SMD electrolytic capacitor designed for high-density PCB mounting. 2. **45 (or 4.7/50)**: Internal code representing the combination of capacitance and voltage. 3. **TA**: Packaging code, usually signifying "Taping" for automated pick-and-place machines. 4. **J**: Case size code (Diameter x Length). 5. **-R**: RoHS Compliance and Reel packaging. --- ### ## Key Features & Applications #### **Key Features** * **Low Profile:** Designed for vertical chip mounting to save horizontal board space. * **High Stability:** Designed to maintain capacitance stability over a wide temperature range. * **Reflow Soldering Compatible:** Built to withstand the heat profiles of infrared and convection reflow ovens. #### **Common Applications** * **Power Supplies:** Used for filtering and decoupling in DC-DC converters. * **Consumer Electronics:** Found in LED lighting drivers, portable chargers, and smart home devices. * **Telecommunications:** Used in networking equipment due to its small footprint and 105°C rating. * **Automotive:** Interior electronics where vibration resistance and compact size are required. --- ### ## Component Handling Precautions When working with the M7S45TAJ-R, keep the following in mind: * **Polarity:** As an electrolytic capacitor, it is polarized. The negative terminal is usually marked with a black stripe on the top of the casing. * **Shelf Life:** Electrolytic capacitors can degrade if stored for several years without use; check the manufacturing date code. * **Reflow Temperature:** Ensure the reflow profile does not exceed the manufacturer’s peak temperature (typically 250°C - 260°C) to avoid rupturing the safety vent.
    ✨ Follow-up Questions
    • ⤷ What are the direct equivalents for the M7S45TAJ-R from other manufacturers like Panasonic or Nichicon?
    • ⤷ How does the 'Low ESR' rating of this series impact circuit performance compared to standard capacitors?
    • ⤷ What is the expected load life (in hours) for this specific capacitor at its maximum rated temperature?