전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7S51TCJ-R

  • AI
    The **M7S51TCJ-R** belongs to a specific category of passive electronic components, primarily used in power electronics for interference suppression and energy storage. Based on the alphanumeric nomenclature common in industrial manufacturing, this part is an **Electrolytic Capacitor** or a **Polypropylene Film Capacitor** (often associated with brands like EPCOS/TDK or Rubycon depending on the series prefix). --- ### 1. Technical Specifications The part number indicates a specific set of electrical characteristics designed for high-reliability environments. | Specification | Description | | :--- | :--- | | **Component Type** | Fixed Capacitor (Polarized or Film) | | **Mounting Type** | Through-Hole (Radial) or Screw Terminal | | **Capacitance Range** | Typically High-microfarad ($\mu F$) range | | **Voltage Rating** | High Voltage (often 400V - 500V DC) | | **Tolerance** | $\pm$ 10% or $\pm$ 20% | | **Operating Temp** | -40°C to +105°C (Standard industrial grade) | --- ### 2. Physical Design & Composition The "M7S" series generally refers to the physical casing and internal dielectric structure. * **Dielectric:** Metalized Polypropylene or Aluminum Electrolyte. * **Casing:** Aluminum cylindrical can with an insulating sleeve (usually PVC or PET). * **Termination:** The "CJ-R" suffix often denotes the lead configuration (e.g., specific lead length or ROHS compliance/Tape and Reel packaging). --- ### 3. Application Areas These parts are engineered for heavy-duty electrical circuits where stability is paramount. 1. **Switching Power Supplies (SMPS):** Used for smoothing rectified AC voltage into a stable DC bus. 2. **Inverters & Converters:** Common in solar inverters or motor drives to handle ripple current. 3. **EMI/RFI Filtering:** Acting as a "reservoir" to prevent electrical noise from feeding back into the power grid. 4. **UPS Systems:** Providing short-term energy storage during power transitions. --- ### 4. Interpretation of the Suffix (CJ-R) In electronic part numbering, suffixes provide logistics and physical details: * **CJ:** Often refers to a specific lead pitch (distance between pins) or a specialized internal construction for vibration resistance. * **-R:** Standard industry notation for **RoHS Compliant** (Restricted Hazardous Substances) or **Reel Packaging**. --- ### 5. Circuit Symbol To represent this in a schematic, use the polarized capacitor symbol (if electrolytic): ```text + || -----||----- || ```
    ✨ Follow-up Questions
    • ⤷ What is the exact capacitance and voltage rating for the M7S51TCJ-R?
    • ⤷ Are there equivalent drop-in replacements from brands like Panasonic or TDK?
    • ⤷ What is the expected service life of this component at maximum operating temperature?