전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7S73FBJ-R

  • AI
    The **M7S73FBJ-R** refers to a high-frequency, surface-mount (SMD) quartz crystal oscillator. These components are critical for providing a stable clock signal in electronic circuits. --- ## Technical Specifications Based on the standard nomenclature for this series (often associated with manufacturers like **Hosonic** or similar timing device specialists), here are the typical technical parameters: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | Active oscillator requiring a power supply. | | **Package Size** | 7.0 x 5.0 mm | Standard 4-pad SMD ceramic package. | | **Frequency Range** | 1 MHz to 150 MHz | Specific frequency is determined by the full part number. | | **Supply Voltage** | 3.3V (Typical) | Can range between 1.8V and 5.0V depending on the suffix. | | **Output Type** | CMOS / HCMOS | Provides a square wave signal compatible with digital logic. | | **Frequency Stability** | ±25ppm to ±50ppm | Measures the deviation over temperature. | --- ## Internal Components & Architecture The M7S73FBJ-R is an "Active" component, meaning it contains more than just a piece of quartz. It integrates: 1. **AT-Cut Quartz Crystal:** The primary resonant element that determines the base frequency. 2. **Oscillator IC:** A CMOS integrated circuit that provides the gain needed to start and maintain oscillation. 3. **Output Buffer:** Ensures the signal is strong enough to drive the "load" of the target microcontroller or FPGA. 4. **Bypass Capacitor (Recommended):** Usually placed externally between VCC and GND to filter power supply noise. ### Pinout Configuration Standard 7050 (7x5mm) oscillators typically follow this 4-pin layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | OE or NC | Output Enable (High = Active) or No Connection. | | **2** | GND | Ground connection. | | **3** | Output | The clock signal output. | | **4** | VDD | Power supply voltage. | --- ## Common Applications * **Networking:** Ethernet switches, routers, and modems. * **Industrial:** PLCs, sensors, and industrial automation controllers. * **Computing:** Motherboards, peripheral cards, and SSD controllers. * **Consumer Electronics:** Digital cameras, high-end audio interfaces, and set-top boxes. --- ## Circuit Implementation Example When implementing this part, a simple connection looks like this: ```c [Power Rail 3.3V] ---- Pin 4 (VDD) [Ground Plane] ---- Pin 2 (GND) [Microcontroller] <--- Pin 3 (Output) [Logic High/NC] ---- Pin 1 (OE) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the M7S73FBJ-R variant?
    • ⤷ How does the 'Output Enable' pin affect power consumption?
    • ⤷ What are the soldering precautions for a 7.0x5.0mm ceramic package?