전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8BS2-084-R

  • AI
    ## Overview of M8BS2-084-R The **M8BS2-084-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) fuse** or a high-performance **circuit protection component**. In most industrial contexts, this part number refers to a sub-miniature, fast-acting fuse designed for compact electronic assemblies. --- ### Technical Specifications | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Surface Mount Fuse (SMD) | | **Current Rating** | 0.84A (or 840mA) | | **Voltage Rating** | Typically 125V AC/DC | | **Response Characteristic** | Very Fast-Acting | | **Package / Case** | 2410 (or similar Brick style) | | **RoHS Status** | Compliant (Lead-Free) | --- ### Key Electronic Functions 1. **Overcurrent Protection**: Its primary role is to open the circuit (blow) when current exceeds 840mA for a specific duration, preventing damage to sensitive downstream components. 2. **Fast-Acting Response**: Unlike "slow-blow" fuses, this part is designed to react almost instantaneously to surges, making it ideal for digital ICs and power supplies. 3. **Low Internal Resistance**: The internal element is designed with high conductivity to ensure minimal voltage drop across the fuse during normal operation. --- ### Common Applications * **Consumer Electronics**: Protection for laptops, gaming consoles, and LCD monitors. * **Industrial Automation**: Integrated into PLC (Programmable Logic Controller) modules to protect I/O ports. * **Power Supplies**: Used in AC/DC converters and battery management systems. * **Telecommunications**: Protection for networking hardware and servers. --- ### Handling and Soldering Considerations * **Mounting**: Being an SMD component, it is designed for automated Pick-and-Place machines. * **Thermal Sensitivity**: Care must be taken during the reflow soldering process to stay within the manufacturer's temperature profile, as excessive heat can fatigue the fuse element before it is even put into service.
    ✨ Follow-up Questions
    • ⤷ What is the exact breaking capacity (interrupting rating) for the M8BS2-084-R?
    • ⤷ Are there equivalent parts from other manufacturers like Littelfuse or Bourns?
    • ⤷ How does the 'R' suffix affect the component's environmental compliance?