전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8R18FAJ-R

  • AI
    The **M8R18FAJ-R** is an electronic component, specifically a **Surface Mount Device (SMD) Power Inductor**. These parts are designed to store energy in a magnetic field and are commonly used in power management circuits to filter noise or manage voltage conversion. --- ### 1. Technical Specifications The part number typically follows a manufacturer-specific coding (often associated with brands like **Chilisin** or similar inductor manufacturers). Below are the general specifications for this class of component: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Inductance** | 1.8 µH (indicated by "18" in the code) | | **Tolerance** | ±20% (standard for power inductors) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Construction** | Metal Alloy or Ferrite Core (Shielded) | | **Application** | DC-DC Converters, Point of Load (POL) | --- ### 2. Breakdown of the Part Number While naming conventions vary by brand, the code "M8R18FAJ-R" can generally be interpreted as follows: * **M8:** Likely refers to the physical series or package size (e.g., 8mm footprint). * **R18:** Represents the Inductance value. In many coding systems, "R" acts as a decimal point, suggesting **1.8 µH**. * **F/A/J:** These are internal manufacturer codes representing tolerance, material type, or packaging style (e.g., J often denotes Tape & Reel). * **-R:** Usually signifies that the part is **RoHS Compliant** (Lead-free). --- ### 3. Key Electronic Functions Power inductors like the M8R18FAJ-R perform three primary roles in a circuit: 1. **Energy Storage:** In switching regulators (Buck or Boost converters), the inductor stores energy when the switch is closed and releases it when the switch opens. 2. **Filtering:** It acts as a low-pass filter, smoothing out high-frequency ripple currents from power supplies to provide a stable DC output. 3. **EMI Suppression:** Because it is likely a shielded design (indicated by the "M" or "FA" series in power inductors), it helps contain electromagnetic interference, preventing it from affecting nearby components. --- ### 4. Common Applications * **Computing:** Motherboards, VRMs (Voltage Regulator Modules). * **Consumer Electronics:** Laptops, tablets, and high-end gaming consoles. * **Telecommunications:** Base stations and networking switches. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the M8R18FAJ-R?
    • ⤷ Can you provide a footprint diagram or dimensions for the M8 series package?
    • ⤷ Which manufacturers are the primary producers of the M8R series inductors?