전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8R21TCJ-R

  • AI
    The **M8R21TCJ-R** refers to a specific series of high-performance **Magnetic Random Access Memory (MRAM)** chips, typically manufactured by companies like Avalanche Technologies. These components are designed to replace traditional SRAM or Flash memory in mission-critical and industrial applications. --- ### 1. General Specifications The M8R series utilizes **STT-MRAM** (Spin-Transfer Torque) technology, which combines the speed of SRAM with the non-volatility of Flash. | Feature | Specification (Typical for M8R series) | | :--- | :--- | | **Memory Type** | STT-MRAM (Non-volatile) | | **Interface** | Quad SPI (QSPI) / SPI | | **Density** | Ranges from 4Mb to 16Mb (Part dependent) | | **Voltage** | 1.8V or 3.3V (Standard I/O) | | **Temperature** | Industrial (-40°C to +85°C) or Extended | | **Endurance** | Unlimited Read/Write cycles | | **Retention** | >10 years (at high temperature) | --- ### 2. Key Internal Electronic Parts The architecture of this component consists of several functional blocks: * **MRAM Cell Array:** The core storage area using Magnetic Tunnel Junctions (MTJ) to store data based on magnetic orientation rather than electrical charge. * **Interface Controller:** Handles the Quad-SPI protocol, allowing high-speed data transfer (often up to 108MHz). * **Write/Read Control Logic:** Manages the spin-polarized current required to flip the magnetic state of the cells during a write operation. * **Voltage Regulators:** Internal LDOs that manage internal voltages for the magnetic switching process. * **Error Correction Code (ECC):** Integrated logic that detects and corrects single-bit errors to ensure data integrity. --- ### 3. Advantages of this Component The M8R21TCJ-R is preferred over standard memory parts for the following reasons: 1. **Non-Volatility:** Unlike SRAM, it does not require a battery (Battery-less backup). 2. **Instant-On:** It allows for immediate data availability upon power-up. 3. **High Radiation Tolerance:** Inherently more resistant to soft errors (SEU) compared to charge-based memory (DRAM/Flash). 4. **Byte-Addressability:** Unlike NAND Flash, it does not require block-erasing; data can be written byte-by-byte. --- ### 4. Common Pinout Configuration *Most M8R series parts come in an 8-pad WSON or 8-pin SOIC package.* | Pin Name | Function | | :--- | :--- | | **CS#** | Chip Select (Active Low) | | **SCK** | Serial Clock | | **DQ0 - DQ3** | Data Input/Output (Quad I/O Mode) | | **VCC** | Power Supply | | **VSS** | Ground | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between STT-MRAM and standard Flash memory?
    • ⤷ Which applications typically use the M8R21TCJ-R chip?
    • ⤷ What are the power consumption characteristics of MRAM during idle mode?