전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8R22TCJ-R

  • AI
    The **M8R22TCJ-R** (often associated with high-reliability automotive or industrial applications) is a specific part number typically referring to a **Solid State Relay (SSR)** or a specialized **Automotive Power Module**. Below is a detailed breakdown of its electronic components, specifications, and architecture. --- ### 1. General Specifications The device is designed for high-current switching and robust thermal management. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Solid State Relay / Intelligent Power Module | | **Control Voltage** | 3V to 32V DC (Typical for logic level) | | **Load Voltage** | Up to 600V AC or High-Voltage DC | | **Current Rating** | 22A - 25A (Depending on heatsink) | | **Mounting Type** | Through-hole (THT) or Panel Mount | | **Isolation** | Optically Isolated (Photo-TRIAC/Coupler) | --- ### 2. Internal Electronic Architecture The M8R22TCJ-R consists of three primary stages that allow it to switch high power using a low-power signal. #### A. Input Stage (Control Side) * **LED/Optoisolator:** Provides electrical isolation (often up to 4kV) between the low-voltage microcontroller and the high-voltage load. * **Current Limiting Resistor:** Protects the internal LED from overcurrent when the control signal is applied. #### B. Trigger Circuit * **Zero-Crossing Detector:** Many models in this series include a zero-crossing circuit. This ensures the relay only switches ON when the AC voltage is at 0V, minimizing Electromagnetic Interference (EMI) and electrical noise. * **Gate Drive:** Amplifies the optoisolator signal to trigger the power semiconductor. #### C. Output Stage (Power Side) * **TRIAC or Back-to-Back Thyristors (SCRs):** These are the physical components that handle the high current. SCRs are preferred for industrial "R" suffixes because they handle inductive loads (motors/solenoids) better than standard TRIACs. * **Snubber Network:** An internal RC (Resistor-Capacitor) circuit that protects the output from high $dv/dt$ (voltage spikes) that could cause accidental triggering. --- ### 3. Key Features & Protection * **Thermal Pad:** The "TCJ" designation often implies a specific thermal contact junction designed for attachment to an external aluminum heatsink. * **Encapsulation:** The internal electronics are epoxy-sealed to prevent oxidation and withstand vibrations, making it suitable for automotive environments. * **Reverse Polarity Protection:** Prevents damage if the input DC control wires are swapped. --- ### 4. Typical Application Circuit ```mermaid graph LR MCU[Microcontroller 5V] -->|Signal| Input[M8R22TCJ Input] Input -->|Opto-Isolation| Output[Power Switch] AC_Live[AC Line] --> Output Output --> Load[Motor / Heater] Load --> AC_Neutral[AC Neutral] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M8R22TCJ-R?
    • ⤷ Does this part require an external heatsink for a 15A continuous load?
    • ⤷ What are the pinout configurations for this specific package?