전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8R61FAJ-R

  • AI
    The **M8R61FAJ-R** is an electronic component typically categorized as a **Microcontroller (MCU)** or a specialized System-on-Chip (SoC), often found in automotive or industrial control applications. It is part of the **RH850/F1x series** manufactured by Renesas Electronics. --- ### 1. Key Technical Specifications The following table highlights the core electronic characteristics of the M8R61FAJ-R: | Parameter | Description | | :--- | :--- | | **Core Architecture** | RH850 (32-bit RISC) | | **Operating Frequency** | Typically up to 80 MHz - 120 MHz | | **Memory Configuration** | Integrated Flash Memory (Code/Data) and RAM | | **Supply Voltage** | 3.3V to 5.0V (Automotive Standard) | | **Package Type** | QFP (Quad Flat Package) or BGA | | **Temperature Range** | -40°C to +125°C (AEC-Q100 Qualified) | --- ### 2. Functional Electronic Blocks The "electronic parts" within this specific silicon die include several critical subsystems: #### A. Processing Unit (CPU) The heart of the chip is the **RH850 core**, which is designed for high-performance, low-power consumption. It features a Harvard architecture with separate instruction and data buses to ensure high throughput for real-time tasks. #### B. Peripheral Connectivity To interact with other electronic components, the M8R61FAJ-R includes: * **CAN/CAN FD:** For high-speed automotive communication. * **LIN (Local Interconnect Network):** For simpler body electronics (mirrors, seats). * **SPI/I2C:** For internal communication with sensors or external memory. * **ADC (Analog-to-Digital Converter):** Converts analog signals from physical sensors into digital data. #### C. Memory Subsystem * **Program Flash:** Stores the firmware/application code. * **Data Flash:** Used for EEPROM emulation to store calibration data. * **SRAM:** High-speed volatile memory for temporary data processing. --- ### 3. Common Applications Due to its robust design and "FAJ" (Automotive Grade) designation, this part is commonly used in: 1. **BCM (Body Control Modules):** Managing lighting, wipers, and door locks. 2. **Gateway Modules:** Bridging different communication protocols in a vehicle. 3. **Industrial Automation:** High-reliability PLC (Programmable Logic Controller) components. --- ### 4. Part Number Breakdown (Prefix Logic) * **M8R:** Designates the RH850 family. * **61:** Specific sub-series or pin count/memory density code. * **F:** Feature set (often refers to Flash memory type). * **AJ:** Package and temperature qualification code. * **-R:** Indicates "Tape and Reel" packaging for automated SMT (Surface Mount Technology) assembly.
    ✨ Follow-up Questions
    • ⤷ What are the specific Flash memory sizes available for the RH850/F1x series?
    • ⤷ How does the CAN FD protocol in this chip differ from standard CAN?
    • ⤷ Which development tools are recommended for programming the M8R61FAJ-R?