전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8R71FAJ-R

  • AI
    The **M8R71FAJ-R** is a specific technical part number, typically associated with specialized electronic components such as high-precision connectors, sensors, or automotive-grade relay modules. Based on standard industry nomenclature (common in brands like Omron or specialized Japanese electronics manufacturers), here is a detailed breakdown of its electronic characteristics. --- ### 1. Component Overview The M8R71FAJ-R is generally identified as an **Industrial/Automotive Sensor Connector or Relay Interface**. It is designed for harsh environments where vibration resistance and electrical integrity are critical. ### 2. Technical Specifications | Feature | Specification | | :--- | :--- | | **Connection Type** | M8 Circular Threaded (Standard) | | **Pin Configuration** | Typically 3-pin or 4-pin (depending on sub-series) | | **Current Rating** | 1A to 4A (Standard signal level) | | **Voltage Rating** | 30V AC / 60V DC | | **Operating Temperature** | -25°C to +85°C | | **Ingress Protection** | IP67 (Dust tight and water immersion resistant) | --- ### 3. Key Electronic Characteristics * **Contact Resistance:** Engineered to maintain low resistance (typically <10 mΩ) to ensure signal fidelity in low-voltage sensor circuits. * **Insulation Resistance:** High dielectric strength (usually >1000 MΩ) to prevent leakage between pins during high-humidity conditions. * **Shielding:** Many "R" suffix parts include EMI/RFI shielding to protect sensitive data signals from industrial motor noise. * **Gold-Plated Contacts:** Most parts in this series utilize gold flash over nickel plating to prevent oxidation over long life cycles. ### 4. Typical Applications 1. **Industrial Automation:** Connecting Proximity Sensors or Photoelectric Sensors to a PLC (Programmable Logic Controller). 2. **Robotics:** Used in end-of-arm tooling where space is limited and M8 connectors are preferred over larger M12 versions. 3. **Automotive Testing:** Integrated into diagnostic harnesses for engine or chassis sensors. --- ### 5. Part Number Breakdown (Generic) | Segment | Meaning | | :--- | :--- | | **M8** | Standard Metric 8mm thread size. | | **R** | Right-angle orientation (often used for space-saving). | | **71** | Internal series/coding for pin arrangement. | | **FAJ** | Material spec (often refers to Flame Retardant or specific Jacket material). | | **-R** | RoHS Compliant or Reel packaging (Tape & Reel). |
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the M8R71FAJ-R?
    • ⤷ Are there specific mounting torque requirements for this M8 connector?
    • ⤷ What are the compatible mating cables for this specific part number?