전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8R71TAJ-R

  • AI
    The **M8R71TAJ-R** is a specific part number typically associated with **Flash Memory** components, specifically within the **eMMC (embedded MultiMediaCard)** category. These are commonly used in mobile devices, automotive infotainment systems, and industrial automation. --- ## Technical Specifications Overview Based on the standard nomenclature for these types of integrated circuits, the technical profile is generally as follows: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | eMMC (embedded MultiMediaCard) | | **Memory Architecture** | NAND Flash + Integrated Controller | | **Interface** | HS400 / HS200 (JEDEC eMMC standard) | | **Voltage Supply** | 1.8V (VCCQ) / 3.3V (VCC) | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **Operating Temp** | -25°C to +85°C (Standard) or Industrial Grade | --- ## Key Functional Components ### 1. NAND Flash Array The core of the chip consists of high-density NAND flash memory cells. This is where the actual data (OS files, applications, media) is stored non-volatilely. ### 2. Integrated Controller Unlike raw NAND, the M8R71TAJ-R includes an onboard controller that manages: * **Wear Leveling:** Ensures memory cells are used evenly to extend lifespan. * **Error Correction (ECC):** Automatically detects and fixes bit flips. * **Bad Block Management:** Maps out failing sectors so the system doesn't use them. ### 3. Interface Logic The chip communicates via a standard parallel bus (8-bit data width). The "R" suffix often indicates specific revision levels or packaging variations (such as Tape and Reel for automated assembly). --- ## Typical Applications * **Smartphones/Tablets:** Primary storage for the operating system. * **Smart TVs:** Storing firmware and application data. * **Automotive:** Dashboards, navigation systems, and black-box logging. * **IoT Gateways:** Reliable data logging in edge computing. --- ## Example Circuit Integration In a hardware design, the pinout typically follows the JEDEC standard for FBGA packages. ```c // Pseudo-code representation of initializing an eMMC interface void init_emmc_storage() { set_clock_speed(400000); // 400kHz for initialization send_cmd(CMD0); // Go to Idle State check_voltage(OCR_REG); // Check Operating Conditions set_bus_width(BIT_8); // Switch to 8-bit mode increase_clock(200000000); // Shift to High Speed (200MHz) } ```
    ✨ Follow-up Questions
    • ⤷ What is the storage capacity of the M8R71TAJ-R variant?
    • ⤷ How does this eMMC compare to UFS storage performance?
    • ⤷ What are the specific pinout requirements for the FBGA package used in this part?