전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8R72TAJ-R

  • AI
    The **M8R72TAJ-R** belongs to a specific category of passive electronic components, specifically a **Metal Oxide Varistor (MOV)** or a specialized Resistor/Varistor hybrid typically used for circuit protection. Based on the part numbering convention (commonly associated with manufacturers like **Thinking Electronic** or **JOYIN**), here is the breakdown of its electronic characteristics and functions. --- ### 1. Component Overview The primary function of this part is **overvoltage protection**. It acts as a voltage-sensitive resistor that protects sensitive electronics from voltage spikes and surges. | Attribute | Specification Details | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Diameter** | 08mm (Standard Disc Size) | | **Voltage Rating** | ~72V (Typical Varistor Voltage) | | **Tolerance** | Usually ±10% (K) or ±15% | | **Mounting Type** | Through-hole (Radial Leads) | | **Packaging** | Tape & Reel (Indicated by the '-R' suffix) | --- ### 2. Technical Specifications The "M8R72" prefix provides specific data regarding its physical and electrical limits: * **Maximum Allowable Voltage:** This part is designed to handle a continuous AC or DC voltage up to a certain threshold (often around 45V-50V AC/60V-70V DC for a 72V varistor voltage) before it starts conducting. * **Varistor Voltage ($V_{1mA}$):** At a current of 1mA, the voltage across the device is approximately **72V**. * **Clamping Voltage:** The maximum voltage the device will allow through the circuit during a high-current surge. * **Energy Absorption:** Measured in Joules (J), it defines how much surge energy the component can dissipate before failing. --- ### 3. Application & Circuit Role The M8R72TAJ-R is typically placed in **parallel** with the load it is protecting. #### How it works: 1. **Normal State:** Under normal operating voltages, the device has high resistance and behaves like an open circuit. 2. **Surge State:** When a spike (like a lightning strike or inductive switching) exceeds the threshold, the device’s resistance drops instantly. 3. **Protection:** It shunts the excess current to the ground or neutral, "clamping" the voltage to a safe level for the rest of the board. --- ### 4. Part Number Breakdown (Typical) | Code Segment | Meaning | | :--- | :--- | | **M** | Metal Oxide Varistor | | **8** | Disc diameter (8mm) | | **R** | Radial Lead style | | **72** | Varistor Voltage (72V) | | **TAJ** | Specific internal series or tolerance code | | **-R** | Tape and Reel (Packaging) | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for this 8mm varistor?
    • ⤷ Can this part be used in 110V/220V AC power supply inputs?
    • ⤷ What are the common failure modes of an MOV like the M8R72TAJ-R?