전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8R73FAJ-R

  • AI
    The part number **M8R73FAJ-R** refers to a specific configuration of a **Solid State Drive (SSD)**, typically manufactured by **SK Hynix**. This specific model is an enterprise-grade or OEM-specific storage component often found in high-end laptops or servers. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. General Specifications The M8R73FAJ-R is a high-performance NVMe SSD designed for the M.2 form factor. | Feature | Specification | | :--- | :--- | | **Manufacturer** | SK Hynix | | **Interface** | PCIe Gen 4.0 x4 | | **Protocol** | NVMe 1.4 | | **Form Factor** | M.2 2280 | | **Capacity** | 512GB (Commonly) | | **NAND Type** | 3D TLC (Triple-Level Cell) | --- ### 2. Electronic Architecture The performance and reliability of this part are defined by its internal electronic components: * **Controller:** Usually features a proprietary SK Hynix controller designed for low power consumption and high heat dissipation efficiency. * **DRAM Cache:** Unlike budget "DRAM-less" SSDs, the "R" series typically includes dedicated LPDDR4 DRAM for mapping tables, which significantly increases random access speeds (IOPS). * **Power Management (PMIC):** Integrated circuits that manage voltage regulation (3.3V input) to protect the NAND cells from power fluctuations. --- ### 3. Performance Metrics Due to the PCIe Gen 4 interface, the electronic signaling allows for the following estimated speeds: | Metric | Estimated Value | | :--- | :--- | | **Sequential Read** | Up to 6,000 - 7,000 MB/s | | **Sequential Write** | Up to 4,000 - 5,000 MB/s | | **Operating Voltage** | 3.3V ± 5% | | **Operating Temp** | 0°C to 70°C | --- ### 4. Key Electronic Features * **ECC (Error Correction Code):** Uses advanced LDPC (Low-Density Parity-Check) to ensure data integrity over the life of the NAND flash. * **Thermal Throttling:** The firmware monitors internal thermistors; if the electronic components exceed 70°C, the controller reduces clock speeds to prevent physical damage. * **S.M.A.R.T. Support:** Provides electronic telemetry data regarding the health, temperature, and total bytes written (TBW) of the drive. ---
    ✨ Follow-up Questions
    • ⤷ What is the total bytes written (TBW) rating for this specific SK Hynix model?
    • ⤷ Is this SSD compatible with PCIe Gen 3 motherboards?
    • ⤷ How does the 3D TLC NAND in this model differ from QLC NAND?