전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8R74TAJ-R

  • AI
    The part number **M8R74TAJ-R** refers to a high-performance **eMMC (Embedded MultiMediaCard)** storage module, typically manufactured by **Micron Technology**. These components are widely used in mobile devices, automotive systems, and embedded industrial applications where compact, reliable, and non-volatile storage is required. --- ## 1. Technical Specifications The following table outlines the primary electronic characteristics of the M8R74TAJ-R: | Feature | Specification | | :--- | :--- | | **Component Type** | eMMC (Embedded MultiMediaCard) | | **Interface** | eMMC 5.1 | | **Storage Capacity** | Typically 8GB or 16GB (Part-number dependent) | | **Package Type** | VFBGA (Fine-pitch Ball Grid Array) | | **Voltage Supply** | 1.8V (Vccq) / 3.3V (Vcc) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Bus Width** | x1, x4, x8 bits | | **Clock Frequency** | Up to 200 MHz (HS400 mode) | --- ## 2. Key Architecture Components The M8R74TAJ-R is a "managed NAND" device, meaning it combines two distinct electronic elements into a single BGA package: ### A. NAND Flash Memory This is the physical storage medium where data is stored. In modern modules like this, it usually utilizes **3D NAND** technology to achieve higher density and better durability in a smaller footprint. ### B. Integrated Controller Unlike raw NAND, this chip includes an internal controller that manages: * **Error Correction Code (ECC):** Automatically detects and fixes data bit errors. * **Wear Leveling:** Ensures data is written evenly across all cells to prevent premature failure. * **Bad Block Management:** Maps out damaged sectors of the memory. * **Command Queuing:** Optimizes the execution of read/write commands for higher throughput. --- ## 3. Communication Interface The device communicates with the Host (CPU/SoC) via a standard eMMC protocol. * **HS400 Mode:** Supports data transfer rates up to 400 MB/s using a dual-data-rate (DDR) interface. * **Backward Compatibility:** It can operate on older eMMC standards (4.5, 5.0) if the host processor does not support the latest version. --- ## 4. Typical Applications Due to the `-R` suffix (often indicating specific packing or revision) and its industrial temperature ratings, this part is found in: * **Automotive Infotainment:** Storing maps, OS, and user data. * **IoT Gateways:** Buffering sensor data before transmission. * **Smart Home Hubs:** Storing firmware and localized applications. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the VFBGA package used in this chip?
    • ⤷ How does eMMC 5.1 compare to UFS storage in terms of speed?
    • ⤷ What are the specific power consumption ratings for active vs. sleep modes for M8R74TAJ-R?