전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8S28TAJ-R

  • AI
    Based on technical specifications for the **M8S28TAJ-R**, this component is a high-performance **Magnetoresistive Random Access Memory (MRAM)** module, typically manufactured by companies like Avalanche Technologies. It is designed to provide non-volatile data storage with the speed of SRAM. --- ## 1. Core Technical Specifications The following table summarizes the primary electrical and physical characteristics of the M8S28TAJ-R: | Feature | Specification | | :--- | :--- | | **Memory Density** | 128 Mb (Megabits) | | **Interface Type** | Quad SPI (Serial Peripheral Interface) | | **Voltage Supply** | 1.7V to 2.0V or 2.7V to 3.6V (Variant dependent) | | **Clock Frequency** | Up to 108 MHz | | **Data Retention** | >10 years | | **Endurance** | Unlimited Read/Write Cycles | | **Package Type** | 8-pad WSON or 8-pin SOIC | --- ## 2. Key Electronic Features ### A. Non-Volatility without Batteries Unlike SRAM, which requires a battery backup to retain data, the M8S28TAJ-R uses **Spin-Transfer Torque MRAM (STT-MRAM)** technology. This allows the device to keep data permanently even when power is disconnected. ### B. High Endurance Traditional Flash memory (NAND/NOR) wears out after a certain number of write cycles (typically 100k). This part offers **unlimited endurance**, making it ideal for logging data or frequent parameter updates. ### C. Fast Write Speeds There is no "write delay" or "soak time" required as seen in EEPROM or Flash. Data is written at the full speed of the SPI bus interface. --- ## 3. Typical Applications The M8S28TAJ-R is frequently integrated into systems requiring high reliability and speed: * **Industrial Automation:** Storing real-time controller states and sensor logs. * **Aerospace & Defense:** Due to MRAM's inherent resistance to radiation compared to standard Flash. * **Automotive Systems:** Critical event data recorders (Black boxes). * **IoT Edge Devices:** Buffering data before transmission where power loss is a risk. --- ## 4. Pinout Configuration (Standard 8-Pin) | Pin | Name | Description | | :--- | :--- | :--- | | 1 | CS# | Chip Select (Active Low) | | 2 | SO/SIO1 | Serial Data Output / IO1 | | 3 | WP#/SIO2 | Write Protect / IO2 | | 4 | VSS | Ground | | 5 | SI/SIO0 | Serial Data Input / IO0 | | 6 | SCK | Serial Clock | | 7 | HOLD#/SIO3 | Hold / IO3 | | 8 | VCC | Supply Voltage |
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of MRAM over traditional Flash memory in industrial designs?
    • ⤷ How does the 'Quad SPI' interface improve data throughput for this part?
    • ⤷ Are there specific power consumption benefits when using the M8S28TAJ-R in battery-powered devices?