전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8S33FBJ-R

  • AI
    The **M8S33FBJ-R** refers to a specific variant of an 8-bit microcontroller, typically associated with the **N76E003** series or similar logic architectures (often produced by Nuvoton or compatible manufacturers). These chips are popular in low-cost consumer electronics due to their high performance-to-price ratio. --- ### ## Technical Specifications The table below outlines the primary electronic characteristics of this component: | Feature | Specification | | :--- | :--- | | **Core** | 1T 8051-based CMOS Microcontroller | | **Operating Voltage** | 2.4V to 5.5V | | **Flash Memory** | 18 KB (Program Memory) | | **SRAM** | 1024 Bytes (256B Internal + 768B External) | | **Clock Speed** | Up to 16 MHz (Internal HIRC) | | **Package Type** | TSSOP20 | | **Operating Temp** | -40°C to +105°C | --- ### ### Key Internal Components The electronic architecture consists of several specialized blocks designed for embedded control: 1. **I/O Ports:** 18 general-purpose I/O pins with high sink current capability (useful for driving LEDs directly). 2. **Timers:** Includes three 16-bit timers and a Watchdog Timer (WDT) for system stability. 3. **Communication Interfaces:** * **UART:** Dual full-duplex serial ports. * **SPI:** High-speed Master/Slave interface. * **I2C:** Standard/Fast mode support. 4. **Analog-to-Digital Converter (ADC):** Typically an 8-channel, 12-bit resolution ADC for processing sensor data. 5. **PWM:** 6-channel Pulse Width Modulation, often used for motor control or light dimming. --- ### ### Typical Application Circuit When designing with this part, the hardware layout usually requires minimal external components: ```c /* Pseudocode for initializing a GPIO pin on the M8S33FBJ series */ void Init_GPIO(void) { P12_PushPull_Mode; // Configure Pin 1.2 as output P12 = 0; // Set logic low } ``` * **Decoupling:** A 0.1µF ceramic capacitor must be placed as close as possible to the VDD and VSS pins to filter high-frequency noise. * **Reset:** The chip usually features an internal Power-On Reset (POR) and Low Voltage Reset (LVR), reducing the need for an external reset circuit. --- ### ### Common Use Cases * **Small Appliances:** Toaster ovens, coffee machines, and hair dryers. * **LED Controllers:** RGB lighting strips and decorative displays. * **Battery Management:** Simple charging circuits and battery level indicators. * **Industrial Sensors:** Temperature and humidity transmitters.
    ✨ Follow-up Questions
    • ⤷What is the pinout diagram for the TSSOP20 version of this chip?
    • ⤷ How does the N76E003 compare to the M8S33FBJ in terms of programming tools?
    • ⤷ What is the maximum current consumption during full-speed operation?