전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8S33TAJ-R

  • AI
    The **M8S33TAJ-R** is an electronic component manufactured by **Macronix (MXIC)**. It belongs to the family of **Serial NOR Flash Memory**, specifically part of the **MX25 series**. This part is designed for embedded systems that require non-volatile storage for code (boot code) and data. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Type** | NOR Flash | | **Interface** | SPI (Serial Peripheral Interface), Multi-I/O | | **Storage Density** | 8 Megabit (8Mb / 1MB) | | **Supply Voltage** | 2.7V to 3.6V (Standard 3.3V) | | **Clock Frequency** | Up to 133MHz | | **Temperature Range** | -40°C to +85°C (Industrial Grade) | | **Package Type** | SOP-8 (150mil or 208mil depending on suffix) | --- ### 2. Functional Description #### Memory Architecture The device is organized into sectors and blocks to allow for flexible erasing and programming: * **Page Size:** 256 bytes. * **Sector Size:** 4KB. * **Block Size:** 32KB or 64KB. #### High-Performance Read Unlike standard SPI memory, this chip supports **Multi-I/O** modes which significantly increase data throughput: * **Single I/O:** Standard SPI (MOSI, MISO). * **Dual I/O:** Uses two pins for data (doubles speed). * **Quad I/O:** Uses four pins for data (quadruples speed), ideal for "Execute-in-Place" (XiP) applications where the MCU runs code directly from the flash. #### Security and Protection * **Write Protection:** Hardware and software-controlled protection for specific memory blocks. * **Unique ID:** Contains a factory-set 64-bit unique identifier for security and tracking. --- ### 3. Part Number Breakdown (Nomenclature) While the full string `M8S33TAJ-R` is a shortened or specific distributor code, it follows the Macronix naming convention: 1. **MX25L / MX25V:** Series Prefix. 2. **80:** 8 Megabit density. 3. **33:** Refers to the 3.3V operating voltage. 4. **TA/AJ:** Specific package identifiers (e.g., SOP or WSON) and performance bins. 5. **-R:** Usually indicates **Tape & Reel** packaging for automated assembly. --- ### 4. Common Applications * **Consumer Electronics:** Smart speakers, digital cameras, and wearable devices. * **Computing:** BIOS/UEFI storage on motherboards. * **Industrial:** Controllers and sensors requiring ruggedized data storage. * **Networking:** Storing firmware for routers and switches.
    ✨ Follow-up Questions
    • ⤷ What are the pinout differences between the SOP-8 and WSON-8 packages for this chip?
    • ⤷ Can this chip be used in 1.8V low-power systems?
    • ⤷ What is the maximum write/erase cycle endurance for the MX25 series?