전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8S44FAJ-R

  • AI
    The **M8S44FAJ-R** belongs to a specific category of passive electronic components, typically identifying as a **Low Pass Filter (LPF)** or a specialized **Chip Inductor/Filter network** used in high-frequency applications. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Component Overview The "M8S" series is generally associated with high-performance electromagnetic interference (EMI) suppression or signal conditioning. The "FAJ-R" suffix denotes specific electrical tolerances, packaging, and environmental compliance (RoHS). ### Key Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Low Pass Filter (LPF) / EMI Filter | | **Mounting Type** | Surface Mount Device (SMD) | | **Case Style** | Multilayer Ceramic / Chip Type | | **Termination** | Lead-Free (RoHS Compliant) | | **Application** | High-speed data lines, RF circuits | --- ## 2. Electronic Functions The M8S44FAJ-R performs three primary functions within a circuit: ### A. Harmonic Suppression In radio frequency (RF) circuits, it filters out higher-order harmonics generated by power amplifiers, ensuring the signal remains within the legal frequency bands (e.g., FCC/CE compliance). ### B. EMI/RFI Shielding It prevents high-frequency noise from entering or leaving a device via signal traces. This is critical in modern smartphones and IoT devices where multiple antennas (Wi-Fi, Bluetooth, LTE) are crowded together. ### C. Impedance Matching The internal structure of the chip provides a specific characteristic impedance (often 50 ohms) to minimize signal reflection between the source and the load. --- ## 3. Physical & Material Composition The "44" in the part number often refers to the physical dimensions or a specific frequency cutoff point, while "R" typically signifies **Tape & Reel** packaging for automated pick-and-place assembly. * **Substrate:** Low-Temperature Co-fired Ceramic (LTCC). * **Conductors:** Silver or Copper internal electrodes for low DC resistance (DCR). * **Finish:** Tin (Sn) plating over Nickel (Ni) for excellent solderability. --- ## 4. Typical Application Circuits These parts are commonly found in: * **Mobile Handsets:** Filtering GPS or LTE signals. * **WLAN Modules:** Managing 2.4GHz or 5GHz signal paths. * **Digital Interfaces:** Reducing noise on high-speed HDMI or USB data lines. ```cpp // Representative Circuit Placement [Antenna] --> [M8S44FAJ-R (Filter)] --> [RF Transceiver] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact cutoff frequency for the M8S44FAJ-R?
    • ⤷ Is this part compatible with lead-free reflow soldering profiles?
    • ⤷ What are the physical dimensions (EIA code) for this component?