전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8S44TAJ-R

  • AI
    The **M8S44TAJ-R** is an integrated circuit, specifically a **Static Random Access Memory (SRAM)** chip manufactured by **NETSOL**. This part is commonly used in high-speed networking, industrial automation, and embedded systems where low latency and reliable data storage are critical. --- ### 1. General Specifications The following table outlines the primary technical parameters for this component: | Parameter | Specification | | :--- | :--- | | **Memory Type** | SRAM (Synchronous) | | **Density** | 4Mb (128K x 36 or 256K x 18) | | **Interface** | QDR (Quad Data Rate) or Pipelined | | **Voltage Supply** | 1.8V / 2.5V / 3.3V (Varies by sub-series) | | **Package Type** | TQFP or FBGA | | **Operating Temperature** | Commercial (0°C to 70°C) or Industrial (-40°C to 85°C) | --- ### 2. Functional Architecture The M8S44TAJ-R belongs to the **SyncBurst** or **Late Write** SRAM family. Its internal architecture is designed to minimize the "turn-around" time between read and write cycles. #### Key Internal Features: * **Synchronous Operation:** All operations are synchronized to a rising clock edge (CLK). * **Burst Capability:** It supports burst sequences (Linear or Interleaved), allowing for high-speed data transfers without re-addressing every word. * **Byte Write Control:** Allows the system to write to specific bytes within a word rather than the entire 36-bit or 18-bit width. --- ### 3. Pinout and Connectivity (Typical) While the exact pin mapping depends on the specific package (TQFP vs FBGA), the electronic interfacing follows these standard logic groups: * **Address Inputs (A):** Selects the memory location. * **Data Inputs/Outputs (DQ):** The bidirectional bus for data transfer. * **Control Pins:** * `CE` (Chip Enable): Activates the device. * `WE` (Write Enable): Determines if the cycle is a Read or Write. * `OE` (Output Enable): Controls the output drivers during read cycles. * `ADV` (Address Advance): Used to increment the internal burst counter. --- ### 4. Typical Applications Because of its high speed and zero-bus-turnaround capabilities, this part is found in: 1. **L2/L3 Cache:** Secondary cache for high-performance processors. 2. **Network Switches:** Buffering data packets at wire speed. 3. **Digital Signal Processing (DSP):** Storing intermediate calculation values in real-time. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific timing requirements for the M8S44TAJ-R clock cycle?
    • ⤷ Is there a direct pin-compatible alternative from Cypress or ISSI?
    • ⤷ How does the 'Late Write' architecture differ from standard SRAM?