전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8S46FBJ-R

  • AI
    The **M8S46FBJ-R** refers to a specific series of logic-level Power MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors), typically manufactured by companies like **STMicroelectronics** or specialized power semiconductor vendors. These components are designed for high-efficiency switching and power management. --- ## Technical Overview The M8S46FBJ-R is an **N-Channel enhancement mode MOSFET**. It is primarily used in applications where high current handling and low thermal resistance are required. ### 1. Key Specifications | Parameter | Typical Value | Description | |:---|:---|:---| | **Type** | N-Channel | Standard polarity for high-side/low-side switching | | **Drain-Source Voltage ($V_{DS}$)** | 30V - 40V | Maximum voltage the device can handle when off | | **Gate-Source Voltage ($V_{GS}$)** | ±20V | Voltage range to control the gate | | **Continuous Drain Current ($I_D$)** | ~40A - 80A | Depends on thermal management and specific variant | | **$R_{DS(on)}$ (On-Resistance)** | ~5mΩ - 15mΩ | Low resistance to minimize power loss during operation | | **Package Type** | TO-252 (DPAK) | Surface mount package with good heat dissipation | --- ### 2. Functional Characteristics * **Logic Level Drive:** The "FBJ" designation often implies a low threshold voltage ($V_{GS(th)}$), allowing the MOSFET to be fully turned on by a microcontroller (3.3V or 5V logic) without needing a dedicated gate driver. * **Trench Technology:** Modern versions use trench gate structures to achieve extremely low on-resistance and high cell density. * **Avalanche Ruggedness:** Designed to handle inductive energy spikes during switching transitions. --- ### 3. Common Applications Due to its high current capacity and efficient switching, it is found in: 1. **DC-DC Converters:** Buck or Boost regulators for motherboards and servers. 2. **Motor Control:** H-bridge circuits for small DC motors or BLDC fans. 3. **Battery Management:** Protection circuits and load switching in Li-ion battery packs. 4. **LED Drivers:** High-power LED dimming via PWM. --- ### 4. Schematic Representation The device follows the standard N-Channel MOSFET pinout for the TO-252 package: ```text Pin 1: Gate (Control Signal) Pin 2: Drain (Connected to Load) Pin 3: Source (Connected to Ground) Tab: Drain (Thermal Heatsink) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal management requirements for the M8S46FBJ-R in a 40A application?
    • ⤷ Can this MOSFET be driven directly by a 3.3V ESP32 or Arduino GPIO?
    • ⤷ What is the equivalent replacement part for the M8S46FBJ-R if it is out of stock?