전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8S52TAJ-R

  • AI
    The **M8S52TAJ-R** is a specific part number typically associated with **CMOS Image Sensors**, often utilized in automotive, security, or industrial camera modules. These components are designed to convert light into electronic signals for digital processing. --- ## Technical Specifications Based on the standard nomenclature for this series, here are the core electronic characteristics: | Feature | Specification | | :--- | :--- | | **Type** | CMOS Image Sensor | | **Interface** | Parallel / MIPI CSI-2 (depending on configuration) | | **Scanning Mode** | Progressive Scan | | **Power Supply** | Typically 3.3V (Analog) / 1.8V (Digital) / 1.2V (Core) | | **Package Type** | CLCC / CSP (Chip Scale Package) | | **Operating Temp** | -30°C to +85°C (Automotive/Industrial Grade) | --- ## Electronic Sub-Systems The M8S52TAJ-R consists of several internal blocks that handle the conversion and transmission of image data: ### 1. Pixel Array * **Photodiodes:** The core electronic parts that capture photons and convert them into electrical charges. * **Color Filter Array (CFA):** Usually a Bayer pattern (RGGB) integrated directly onto the silicon to capture color information. ### 2. Analog-to-Digital Converter (ADC) * The raw voltage generated by the pixel array is analog. The internal **Column-Parallel ADC** converts these voltages into 10-bit or 12-bit digital values. ### 3. Timing Generator and Control Logic * This section manages the electronic shutter speeds, frame rates, and exposure timing. It is usually controlled via an **I2C (CCI) bus**, allowing a microcontroller to adjust settings like gain and white balance. ### 4. Output Interface * **Low-Voltage Differential Signaling (LVDS):** Often used to reduce Electromagnetic Interference (EMI) while transmitting high-speed data to the Image Signal Processor (ISP). --- ## Common Applications Because of the "TAJ-R" suffix (often indicating specific reel packaging or automotive qualifications), this part is commonly found in: 1. **Rear-view cameras** for vehicles. 2. **ADAS (Advanced Driver Assistance Systems)**. 3. **Industrial Machine Vision** for assembly line inspection. --- ## Example Connection Diagram (Abstract) ```c [ Power Supply ] ---> [ VDD_A (3.3V) / VDD_D (1.8V) ] [ Controller ] <--- I2C (SCL/SDA) ---> [ M8S52TAJ-R ] [ Sensor Data ] ---- MIPI / Parallel ---> [ Image Processor ] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum resolution and frame rate for this specific sensor?
    • ⤷ Is the M8S52TAJ-R compatible with standard Raspberry Pi or Arduino ISP interfaces?
    • ⤷ Does this sensor support HDR (High Dynamic Range) for automotive use?