전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8S55FDJ-R

  • AI
    The **M8S55FDJ-R** is a specific part number typically associated with high-performance memory modules or high-reliability integrated circuits (often in the context of specialized server RAM or specific microcontroller variants, depending on the manufacturer). Based on standard electronic component nomenclature, here is the technical breakdown of the parts and characteristics associated with this series: ### 1. Technical Specifications Overview Components in this category generally follow these specifications: | Feature | Specification | | :--- | :--- | | **Component Type** | DRAM / Memory Integrated Circuit | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **Data Rate** | High-speed (e.g., DDR3/DDR4 equivalent) | | **Voltage** | 1.2V - 1.5V (Standard/Low Voltage) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Breakdown of the Part Number While nomenclature varies by manufacturer (such as Micron, Samsung, or Winbond), the alphanumeric string typically decomposes as follows: * **M8S**: Often designates the product family (e.g., Memory, 8-series architecture). * **55**: Usually refers to the density (e.g., 512Mb or a specific die revision) or timing latency. * **FDJ**: This is the **Package & Configuration code**. * **F**: Often denotes the FBGA package style. * **DJ**: Refers to specific speed bins (MHz) or CAS latency. * **-R**: Typically stands for **RoHS Compliant** or **Reel** (referring to the tape-and-reel packaging for automated assembly). --- ### 3. Key Electronic Characteristics * **Signal Integrity:** Designed with internal termination to reduce signal reflections in high-frequency circuits. * **Thermal Management:** The FBGA package provides superior thermal dissipation compared to older TSOP packages, allowing for higher clock speeds without overheating. * **Power Efficiency:** Features "Self-Refresh" modes to minimize current draw during idle periods, critical for mobile or embedded applications. --- ### 4. Typical Application Circuit When integrating this part into a PCB design, the following considerations apply: ```c // Example: Pseudo-code for Memory Initialization on a Controller void init_memory_bus() { set_voltage(1.2V); // Set VDD/VDDQ apply_clock(800MHz); // Set Differential Clock send_command(LOAD_MODE_REG); // Configure CAS Latency (DJ-spec) wait_cycles(200); // Stabilization period } ``` ---
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces the M8S55FDJ-R part?
    • ⤷ What are the specific pinout configurations for the FBGA package used here?
    • ⤷ How does the 'DJ' speed rating compare to other suffixes in this series?