전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8S63TAJ-R

  • AI
    The **M8S63TAJ-R** is a specific part number belonging to the high-performance memory family, typically associated with **NAND Flash Memory** (specifically eMMC or Managed NAND solutions) manufactured by vendors like Micron or SK Hynix. Below is a detailed breakdown of its electronic characteristics and technical context. --- ### 1. Technical Specifications The M8S63TAJ-R is generally categorized as an **eMMC (embedded Multi-Media Card)**. It combines NAND flash memory with an intelligent on-board controller. | Feature | Description | | :--- | :--- | | **Component Type** | eMMC (v5.0 or v5.1 standard) | | **Interface** | HS400 (High-Speed interface up to 400MB/s) | | **Voltage (Core)** | VCC: 2.7V – 3.6V | | **Voltage (I/O)** | VCCQ: 1.7V – 1.95V (Low voltage for power efficiency) | | **Package Type** | FBGA (Fine-pitch Ball Grid Array), usually 153-ball | | **Operating Temp** | -25°C to +85°C (Standard Industrial/Consumer range) | --- ### 2. Internal Architecture An eMMC device like the M8S63TAJ-R is composed of three primary electronic sections: 1. **NAND Flash Array:** The actual storage cells where data is kept. In this specific series, it often utilizes **TLC (Triple-Level Cell)** or **MLC (Multi-Level Cell)** technology to balance density and cost. 2. **Integrated Controller:** This acts as the "brain." It manages: * **Bad Block Management:** Identifying and bypassing faulty memory cells. * **Wear Leveling:** Distributing writes evenly across the chip to prevent premature failure. * **Error Correction (ECC):** Detecting and fixing bit-flips during data read/write. 3. **Host Interface:** Translates the standard JEDEC eMMC protocol commands from the CPU/SoC into NAND operations. --- ### 3. Pinout and Connectivity (FBGA 153) Most devices in this family use the 153-ball pattern. Key signal groups include: * **DAT[0-7]:** The 8-bit bidirectional data bus. * **CMD:** Command line for host-to-device communication. * **CLK:** Clock signal provided by the host controller. * **RST#:** Hardware reset pin. * **VCC/VCCQ:** Power supply pins for the NAND and the Logic interface respectively. --- ### 4. Common Applications Due to its compact size and integrated management, this part is found in: * **Smartphones and Tablets:** Main system storage. * **Automotive Infotainment:** Storing maps, OS, and media. * **IoT Gateways:** Reliable storage for edge computing. * **Smart TVs:** Firmware and application storage. --- ### 5. Programming and Implementation To use this part in a circuit, developers must adhere to specific PCB layout rules: ```cpp // Pseudocode for Host Initialization of M8S63TAJ-R void initialize_emmc() { power_on_sequence(VCC, VCCQ); send_cmd(CMD0); // Go to Idle State send_cmd(CMD1); // Operating Voltage Validation set_bus_width(8_BIT); switch_to_high_speed(HS400); } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity of the M8S63TAJ-R variant?
    • ⤷ How does HS400 mode differ from HS200 in terms of power consumption?
    • ⤷ What are the recommended reflow soldering profiles for FBGA-153 packages?