전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8S75FDJ-R

  • AI
    The **M8S75FDJ-R** is a high-performance, automotive-grade MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) manufactured by **Renesas Electronics**. It is specifically designed for high-current switching applications and is characterized by its extremely low "on-resistance" and robust thermal management. --- ## Technical Specifications The table below highlights the core electrical characteristics of the M8S75FDJ-R: | Parameter | Symbol | Value / Specification | |:---|:---|:---| | **Drain-Source Voltage** | $V_{DSS}$ | 40 V | | **Continuous Drain Current** | $I_D$ | 75 A | | **On-State Resistance** | $R_{DS(on)}$ | 2.1 mΩ (typical) @ $V_{GS}$ = 10V | | **Gate Threshold Voltage** | $V_{GS(th)}$ | 2.0 V to 4.0 V | | **Total Gate Charge** | $Q_g$ | 60 nC (typical) | | **Operating Temperature** | $T_{ch}$ | Up to 175°C | | **Package Type** | HSON-8 | High-efficiency surface mount | --- ## Key Features ### 1. Low $R_{DS(on)}$ (On-Resistance) The device features a very low resistance when fully turned on (approx. 2.1 mΩ). This minimizes power dissipation in the form of heat, allowing the part to handle high current without failing. ### 2. AEC-Q101 Compliance The "R" suffix and the general series designation often indicate that this part is **Automotive Grade**. It is tested to meet rigorous reliability standards for vibration, temperature cycling, and long-term durability required in vehicles. ### 3. Logic Level Drive While optimized for 10V gate drive, its threshold allows it to be interfaced with various gate driver ICs efficiently. ### 4. Thermal Efficiency The **HSON-8** package is designed with an exposed pad on the bottom. This allows for direct soldering to the PCB copper, facilitating rapid heat transfer away from the silicon die. --- ## Common Applications * **Electric Power Steering (EPS):** High-current motor control. * **DC-DC Converters:** Used as a switching element in buck or boost converters. * **Load Switches:** High-side or low-side switching for automotive electronics (lights, pumps, fans). * **Battery Management Systems (BMS):** Protection and isolation switching. --- ## Schematic Representation In a typical circuit, the M8S75FDJ-R acts as a switch controlled by a microcontroller or gate driver: ```text (Drain) | [Load/Voltage Source] | +-----+-----+ | | (Gate)---[M8S75FDJ-R]---(Source) | | | +-----------+ GND ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives to the M8S75FDJ-R for automotive applications?
    • ⤷ How does the HSON-8 package compare to a standard TO-220 in terms of thermal performance?
    • ⤷ What is the recommended gate driver voltage for optimal switching speed with this MOSFET?