전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8S76FDJ-R

  • AI
    The **M8S76FDJ-R** is a specific part number typically associated with **DDR4 SDRAM modules**, often manufactured or utilized by brands like Micron or integrated into server-grade hardware (such as HPE or Dell systems). Based on technical specifications for this class of component, here is the breakdown of its electronic characteristics: --- ## 1. Technical Specifications This component is a high-speed, CMOS dynamic random access memory (DRAM) module. | Feature | Specification | | :--- | :--- | | **Memory Type** | DDR4 SDRAM | | **Form Factor** | RDIMM (Registered DIMM) | | **Capacity** | Typically 16GB or 32GB (Part-number dependent) | | **Data Rate** | 2666 MT/s or 2933 MT/s | | **Voltage (VDD)** | 1.2V (Low Power) | | **Pin Count** | 288-pin | | **Error Correction** | ECC (Error Correcting Code) | --- ## 2. Key Electronic Sub-Components The module is not a single piece of silicon but an assembly of several critical electronic parts: ### A. DRAM Integrated Circuits (ICs) These are the black chips soldered onto the PCB. They use **Flip-Chip** or **FBGA (Fine-pitch Ball Grid Array)** packaging. Each chip contains millions of capacitor-transistor pairs that store bits of data. ### B. Register Clock Driver (RCD) Located in the center of the module, the RCD acts as a "buffer." It receives command and address signals from the memory controller and redistributes them to the memory chips. * **Purpose:** Reduces the electrical load on the system memory controller, allowing for higher capacities and stability. ### C. Serial Presence Detect (SPD) EEPROM A small 8-pin chip that stores the module's configuration (timing, density, voltage). * **Communication:** Uses the **I2C/SMBus** protocol to tell the BIOS how to configure the memory settings during boot. ### D. Passive Components * **Decoupling Capacitors:** Small MLCCs (Multi-Layer Ceramic Capacitors) placed near each IC to filter electrical noise and stabilize the 1.2V power rail. * **Termination Resistors:** Used for impedance matching to prevent signal reflections (Oun-Die Termination - ODT). --- ## 3. Signal Integrity Features To maintain performance at high frequencies, the M8S76FDJ-R utilizes: 1. **Differential Strobes:** Uses two signals (DQS and DQS#) to accurately time data capture. 2. **Cyclic Redundancy Check (CRC):** Protects data transferred over the bus from transmission errors. 3. **Temperature Sensor:** Often integrated into the SPD chip to monitor thermal conditions and trigger "throttling" if the module overheats. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RDIMM like this and a standard UDIMM?
    • ⤷ How does ECC (Error Correcting Code) function in these electronic parts?
    • ⤷ What are the common failure modes for DDR4 server memory modules?