전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8TS-199-R/SK

  • AI
    The **M8TS-199-R/SK** (often associated with high-frequency coaxial connectors, specifically within the SMP or Mini-SMP series) refers to a high-performance RF connector component. These parts are critical in telecommunications, aerospace, and high-speed data applications. ### 1. Component Overview This specific part is typically a **Male, Surface Mount (SMT), Full Detent** connector. It is designed to facilitate signal transmission between a printed circuit board (PCB) and a cable or another board. | Feature | Specification Details | | :--- | :--- | | **Connector Type** | SMP / Mini-SMP (Subminiature Push-on) | | **Mounting Style** | Surface Mount Technology (SMT) / Receptacle | | **Gender** | Male (Plug) / Smooth Bore or Full Detent | | **Impedance** | 50 Ohms (Standard RF) | | **Frequency Range** | DC to 40 GHz (depending on specific revision) | --- ### 2. Key Electronic Characteristics #### A. High-Frequency Performance Because these parts operate in the millimeter-wave spectrum, they are manufactured with extremely tight tolerances. The internal gold plating ensures low **Contact Resistance** and prevents oxidation, which is vital for maintaining signal integrity at frequencies exceeding 10 GHz. #### B. Retention Force (Detent Options) The "SK" or "R" suffixes often denote the mechanical retention style: * **Full Detent:** Provides the highest retention force, making it vibration-resistant (ideal for aerospace). * **Limited Detent:** Moderate force; allows for easier disconnection. * **Smooth Bore:** Lowest force; used for "blind-mate" applications where multiple connectors must slide together simultaneously. #### C. VSWR (Voltage Standing Wave Ratio) Electronic designers choose this part because of its low VSWR. A low VSWR indicates that most of the RF power reaches its destination rather than reflecting back to the source, which prevents heat buildup and signal loss. --- ### 3. Structural Materials | Part | Material | Finish | | :--- | :--- | :--- | | **Body** | Brass or Beryllium Copper | Gold Plated | | **Center Contact** | Beryllium Copper | Gold Plated (min. 30µin) | | **Insulator** | PTFE (Teflon) | N/A | --- ### 4. Typical Applications * **Phased Array Antennas:** Used in radar systems where space is limited. * **Test & Measurement:** High-speed oscilloscopes and signal generators. * **5G Infrastructure:** High-bandwidth base stations. * **Optical Networking:** Bridging electronic circuits with high-speed optical transceivers. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Full Detent and Smooth Bore in RF connectors?
    • ⤷ How does the soldering process affect the impedance of SMT connectors?
    • ⤷ What are the specific VSWR ratings for the M8TS series at 26.5 GHz?