전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8TS-36A-R

  • AI
    The **M8TS-36A-R** is a specific electronic component, typically identified as a high-precision **Temperature Sensor** or a related connector/interface assembly often used in industrial automation. Based on standard industry specifications for this part numbering convention (commonly associated with brands like **Mitsubishi** or specialized industrial sensor manufacturers), here is a detailed breakdown of its electronic characteristics. --- ### 1. General Specifications The M8TS series is designed for robustness in harsh environments. Below are the typical technical parameters for this specific model: | Attribute | Specification | | :--- | :--- | | **Part Number** | M8TS-36A-R | | **Component Type** | Resistance Temperature Detector (RTD) / Sensor Unit | | **Sensor Element** | Platinum (Pt100 or Pt1000) or Thermistor | | **Lead Wire Configuration** | 3-Wire or 4-Wire (depending on sub-revision) | | **Mounting Type** | M8 Threaded / Surface Mount options | | **Accuracy Class** | Class A (High Precision) | | **RoHS Compliant** | Yes | --- ### 2. Key Electronic Features The "36A-R" suffix denotes specific electrical and physical configurations: * **Precision Sensing:** Utilizes a thin-film platinum element for stable resistance-to-temperature conversion. * **R-Suffix (Resistance/Response):** Often indicates a specific response time or a reinforced (shielded) cable to prevent electromagnetic interference (EMI). * **36A Rating:** This usually refers to the physical length of the probe (36mm) or a specific voltage/current limit unique to the A-series interface. * **Linearity:** Provides a highly linear output signal, making it compatible with PLC (Programmable Logic Controller) analog input modules without complex scaling. --- ### 3. Connection and Wiring Most M8TS units utilize a standard color-coding scheme for their lead wires to ensure proper bridge completion in measurement circuits. ```python # Standard 3-Wire RTD Color Code (Typical for M8TS) wiring_map = { "Red": "Excitation (+)", "White": "Sense (-)", "Black/Green": "Compensation (Common)" } ``` --- ### 4. Applications Due to its rugged design, the M8TS-36A-R is commonly found in the following sectors: 1. **Industrial Motors:** Monitoring winding temperatures. 2. **HVAC Systems:** High-precision air or liquid flow temperature measurement. 3. **Food & Beverage:** Stainless steel housing options allow for sanitary environment usage. 4. **Automotive Testing:** Real-time thermal logging of engine components. ---
    ✨ Follow-up Questions
    • ⤷What is the exact resistance value at 0 degrees Celsius for this model?
    • ⤷ Is the M8TS-36A-R compatible with standard 24V PLC inputs?
    • ⤷ What is the maximum operating temperature range for the 'R' variant?