M8TS-566-R
AI

The **M8TS-566-R** is a specific surface-mount (SMT) common mode choke manufactured by **Coilcraft**. It is designed primarily for noise suppression in high-speed differential signal lines.
---
### Technical Specifications
The following table highlights the core electrical characteristics of the M8TS-566-R:
| Parameter | Value | Notes |
| :--- | :--- | :--- |
| **Inductance** | 56 µH | Typical value at 100 kHz |
| **DC Resistance (DCR)** | 0.55 Ohms | Maximum per winding |
| **Rated Current** | 500 mA | Maximum current capacity |
| **Voltage Rating** | 80 Vrms | Working voltage |
| **Operating Temp** | -40°C to +125°C | AEC-Q200 Grade 1 qualified |
| **Termination** | Silver-palladium-platinum | RoHS compliant |
---
### Core Electronic Functions
#### 1. Common Mode Noise Suppression
The primary role of this part is to act as a low-pass filter for **Common Mode** signals (noise that travels in the same direction on both lines) while allowing **Differential Mode** signals (the actual data) to pass through with minimal attenuation.
#### 2. Magnetic Coupling
The device consists of two windings on a single ferrite core.
* **Differential Signals:** The magnetic fields created by the two lines cancel each other out, resulting in low impedance.
* **Common Mode Noise:** The magnetic fields add together, creating high impedance that blocks the noise.
#### 3. Signal Integrity
Because it is designed for high-frequency applications, it maintains signal integrity for protocols like:
* CAN-Bus (Controller Area Network)
* FlexRay
* Ethernet lines in automotive environments
---
### Physical Dimensions
The "M8TS" series typically utilizes a compact footprint to save PCB real estate:
* **Length:** ~5.0 mm
* **Width:** ~3.6 mm
* **Height:** ~2.5 mm
---
### Typical Application Circuit
```spice
// Simplified representation of M8TS-566-R in a CAN-Bus line
[Transceiver High] ----(Winding A)---- [CAN_H Line]
[Transceiver Low ] ----(Winding B)---- [CAN_L Line]
^
(Common Mode Choke)
```
- ⤷
What are the main differences between the M8TS and the M8T series?
- ⤷ Can this part be used in automotive power supply filtering?
- ⤷ How does the 56uH inductance value affect the cutoff frequency?