전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8TS1-844-R

  • AI
    The **M8TS1-844-R** is a high-performance **Tri-axis Magnetic Sensor** (Magnetometer) module, typically used in industrial and automotive applications for position sensing and navigation. --- ### ## Technical Specifications Below is a breakdown of the key electronic characteristics of the sensor: | Parameter | Specification | | :--- | :--- | | **Sensing Axes** | 3-Axis (X, Y, Z) | | **Interface** | I2C / SPI (Selectable) | | **Supply Voltage (Vcc)** | 1.8V to 3.3V | | **Resolution** | 14-bit to 16-bit | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | LGA (Land Grid Array) | --- ### ### Key Electronic Components & Features #### 1. TMR/Hall-Effect Element The core of the M8TS1 series often utilizes **TMR (Tunnel Magnetoresistance)** or advanced Hall-effect technology. This allows for: * **High Sensitivity:** Detects minute changes in the Earth's magnetic field or local magnets. * **Low Power Consumption:** Optimized for battery-powered IoT devices. #### 2. Signal Conditioning ASIC Internal to the package is an Application-Specific Integrated Circuit (ASIC) that performs: * **Amplification:** Boosting the raw analog signal from the sensors. * **ADC Conversion:** Converting analog magnetic flux into digital data. * **Temperature Compensation:** Correcting drift caused by thermal changes. #### 3. Communication Interface The device communicates via digital protocols, making it easy to interface with microcontrollers (like Arduino, ESP32, or STM32): * **I2C Mode:** Uses `SDA` and `SCL` pins for multi-device bus communication. * **SPI Mode:** Uses `MOSI`, `MISO`, `SCK`, and `CS` for higher speed data transfer. --- ### ### Typical Application Circuit When integrating this part into a PCB, the following peripheral components are usually required: ```cpp // Example: Schematic connection logic 1. VCC -> 0.1uF Decoupling Capacitor -> Power Rail (3.3V) 2. GND -> System Ground 3. SDA/MOSI -> MCU Data Pin (with 4.7k Pull-up if I2C) 4. SCL/SCK -> MCU Clock Pin (with 4.7k Pull-up if I2C) 5. DRDY -> Interrupt pin on MCU (Data Ready signal) ``` --- ### ### Usage Scenarios * **Electronic Compasses:** Providing heading information for drones or robots. * **Contactless Switches:** Detecting the position of a magnet in a joystick or lid. * **Flow Meters:** Measuring rotation in water or gas meters via magnetic coupling.
    ✨ Follow-up Questions
    • ⤷ What are the specific register addresses for reading X
    • ⤷ Y
    • ⤷ and Z data?
    • ⤷ Does the M8TS1-844-R require external magnetic shielding?
    • ⤷ How does TMR technology compare to standard Hall-effect sensors in terms of power?