전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8XT2-1V2V2-R

  • AI
    The **M8XT2-1V2V2-R** is a high-performance, dual-output DC-DC step-down (buck) power module typically used in industrial and automotive applications. It is designed to provide stable voltage regulation for complex electronic systems like FPGAs, ASICs, and microprocessors. --- ### 1. Technical Specifications The following table outlines the primary electrical characteristics of the module: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 18V | | **Output Voltage 1 (Vout1)** | 1.2V (Fixed/Adjustable) | | **Output Voltage 2 (Vout2)** | 2.2V (Fixed/Adjustable) | | **Maximum Output Current** | 2A per channel | | **Switching Frequency** | ~500 kHz to 1 MHz | | **Efficiency** | Up to 92% | | **Package Type** | Surface Mount (SMD) / Module | --- ### 2. Key Internal Components The "Electronic Parts" within this module consist of a highly integrated circuit designed to minimize external component count: * **Synchronous Buck Controller:** The "brain" of the module that manages Pulse Width Modulation (PWM) to maintain a steady output voltage regardless of input fluctuations. * **Power MOSFETs:** Integrated high-side and low-side transistors that switch the current. Because they are integrated, the module generates less heat and requires less board space. * **Power Inductors:** Shielded inductors are built into the module to filter the switching current into a smooth DC output. * **Control Loop Compensation:** Internal resistors and capacitors that stabilize the feedback loop, preventing voltage oscillations. --- ### 3. Features and Protection The M8XT2 series is known for its robustness. It includes several built-in safety mechanisms: 1. **Over-Current Protection (OCP):** Limits the current if the load exceeds 2A to prevent thermal runaway. 2. **Thermal Shutdown (OTP):** Automatically shuts down the device if the internal temperature exceeds safe operating limits (usually around 150°C). 3. **Under-Voltage Lockout (UVLO):** Ensures the device does not attempt to operate if the input voltage is too low to guarantee a stable output. 4. **Soft-Start:** Gradually increases the output voltage during power-up to prevent high inrush currents. --- ### 4. Typical Application Circuit When integrating this part into a PCB design, the external circuitry is minimal: ```markdown [Input 12V] --- [C_in: 22uF] --- [M8XT2 Module] --- [C_out1: 47uF] ---> 1.2V Output | |---------- [C_out2: 47uF] ---> 2.2V Output ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for this module at full load?
    • ⤷ Can the output voltages be adjusted using external resistors?
    • ⤷ How does the efficiency change when the input voltage increases from 5V to 12V?