M8XT2-2V2Z1-R
AI

The **M8XT2-2V2Z1-R** is a specific technical part number, typically associated with high-density power modules, specifically **Direct-to-Chip** or **Intermediate Bus Converters** used in high-performance computing (AI/GPU servers). These parts are often custom or specialized versions of power delivery components manufactured by companies like Vicor.
---
## 1. Technical Specifications Overview
This component belongs to a class of high-efficiency power converters designed to step down voltage with extremely high current density.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | DC-DC Converter / Power Module |
| **Input Voltage** | Typically 48V (Standard for Data Centers) |
| **Output Voltage** | Low voltage (0.8V - 1.8V range for logic/cores) |
| **Mounting Type** | Surface Mount (SMD) |
| **Packaging** | Rectangular Module (Z-Configuration) |
| **Cooling** | Conductive/Liquid cooling compatible |
---
## 2. Key Electronic Features
### High-Frequency Switching
These modules utilize high-frequency switching (often in the MHz range) to minimize the size of passive components like inductors and capacitors. This allows for a very small footprint on the PCB.
### Thermal Management
The "R" suffix often denotes compliance or a specific thermal interface. The module is designed with a high thermal conductivity casing, allowing heat to be drawn away from the GPU/CPU it is powering.
### Efficiency & Regulation
* **VTM (Voltage Transformation Module):** Often acts as a current multiplier.
* **PRM (Regulator):** Works in tandem to provide precise voltage regulation.
* **Low Impedance:** Designed to be placed very close to the processor to minimize "last-inch" power loss.
---
## 3. Application Areas
These parts are not found in consumer electronics but are critical in industrial and enterprise infrastructure:
1. **AI Accelerators:** Powering NVIDIA or AMD GPUs in server racks.
2. **Hyperscale Data Centers:** Converting 48V distribution bus down to chip-level voltages.
3. **High-Performance Computing (HPC):** Supercomputers requiring thousands of Amperes of current.
---
## 4. Typical Block Diagram Logic
```mermaid
graph LR
A[48V DC Input] --> B[M8XT Series Module]
B --> C[Integrated Inductor/Switching]
C --> D[Low Voltage / High Current Output]
D --> E[AI Chip / Processor Core]
```
---
- ⤷
What is the maximum current rating for the M8XT2 series?
- ⤷ Is this part compatible with liquid-cooled server environments?
- ⤷ What are the specific pinout configurations for the 2V2Z1 variant?