전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8XT3-3V2V2-R

  • AI
    The **M8XT3-3V2V2-R** is a high-performance, ultra-low latency hardware acceleration card designed primarily for video transcoding, high-density streaming, and AI-enhanced media processing. It is part of the **NETINT Codensity™** series. Below is a detailed breakdown of its electronic specifications and technical architecture. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Product Category** | Video Processing Unit (VPU) / Hardware Accelerator | | **Form Factor** | M.2 2280 (Single-sided) | | **Interface** | PCIe Gen 4 x4 | | **Video Codecs** | H.264 (AVC), H.265 (HEVC), AV1 | | **Capacity** | Up to 4K @ 60fps encoding/decoding | | **Power Consumption** | ~7W (Typical) | | **Memory Interface** | Integrated LPDDR4x | --- ### 2. Core Components and Architecture The device is built using a "System-on-Chip" (SoC) architecture specialized for video rather than general-purpose computing (like a CPU) or graphics (like a GPU). #### A. Video Processing Unit (VPU) Unlike GPUs that use programmable shaders, the M8XT3 uses **ASIC (Application-Specific Integrated Circuit)** technology. * **Hardwired Logic:** The encoding and decoding engines are physically wired for H.264, H.265, and AV1. * **Efficiency:** This allows the chip to process 10-bit HDR video at a fraction of the power required by a traditional server CPU. #### B. PCIe Gen 4 x4 Controller The "M8" designation typically refers to the high-bandwidth interface. * **Throughput:** By utilizing PCIe 4.0, the part ensures there is no bottleneck when moving raw YUV frames from the host system memory to the VPU. * **Latency:** It is designed for "Sub-frame latency," making it suitable for cloud gaming and live interactive broadcasting. #### C. Power Management Circuitry Because the M.2 form factor is thermally constrained, the `-R` variant includes specialized power management: * **Thermal Throttling:** Integrated sensors monitor the ASIC temperature to adjust clock speeds and prevent hardware failure in high-density server chassis. * **Voltage Regulation:** On-board DC-DC converters step down the 3.3V PCIe rail to the sub-1V levels required by the 7nm or 12nm silicon logic. --- ### 3. Application Use Cases The electronic design of the M8XT3-3V2V2-R makes it ideal for specific infrastructure roles: 1. **AV1 Transcoding:** Hardware-accelerated AV1 encoding offers 30%+ better compression than HEVC, which is critical for reducing bandwidth costs in CDNs. 2. **AI-Integrated Pipelines:** It can handle "Region of Interest" (ROI) encoding, where it identifies faces or movement to allocate more bits to those areas of the frame. 3. **High-Density Servers:** Because of its low 7W profile, 10 to 20 of these units can be installed in a single 1U server using specialized carrier cards. --- ### 4. Part Number Decoder (Typical) While internal to NETINT, the nomenclature usually follows this logic: * **M8:** Generation/Series (Codensity G5/M8 series). * **XT3:** Specific SKU variant for performance tier. * **3V2V2:** Revision or sub-variant indicating codec support (AV1/HEVC). * **R:** Retail or specific Production Revision.
    ✨ Follow-up Questions
    • ⤷What is the difference between an ASIC-based VPU and a standard GPU for video transcoding?
    • ⤷ How many concurrent 1080p streams can the M8XT3 handle?
    • ⤷ What are the thermal requirements for cooling an M.2 VPU in a server environment?