전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8YV-34W4W-R

  • AI
    The **M8YV-34W4W-R** is a specific part number associated with high-performance **Synchronous Dynamic Random-Access Memory (SDRAM)**, specifically within the **DDR4** family. These modules are primarily used in enterprise environments, such as servers and high-end workstations. --- ### 1. Technical Specifications Below is a breakdown of the key electronic characteristics of this component: | Feature | Specification | | :--- | :--- | | **Memory Type** | DDR4 SDRAM | | **Form Factor** | RDIMM (Registered DIMM) | | **Capacity** | 16GB / 32GB (Variant dependent) | | **Speed** | 3200 MT/s (PC4-25600) | | **Voltage** | 1.2V (Low Voltage) | | **Error Correction** | ECC (Error Correction Code) | | **Rank** | 2Rx8 (Dual Rank) | | **CAS Latency** | CL22 | --- ### 2. Core Electronic Components The "part" is actually an assembly of several integrated circuits (ICs) on a printed circuit board (PCB). #### A. DRAM Chips (The Storage) The board contains multiple CMOS-based memory chips. Because this is a **2Rx8** configuration, it typically utilizes 16 individual memory chips (8 on each side) plus an additional chip for ECC parity. #### B. The Register (RCD) Since this is an **RDIMM**, it includes a **Registering Clock Driver (RCD)**. - **Function:** It buffers the command and address signals from the memory controller. - **Benefit:** This reduces the electrical load on the CPU's memory controller, allowing the system to remain stable even when all memory slots are filled. #### C. SPD EEPROM with Thermal Sensor A small 8-pin chip (Serial Presence Detect) stores the module's timing parameters and manufacturer data. In modern enterprise sticks like this, it often includes an integrated **TS (Thermal Sensor)** to report real-time temperatures to the BIOS/UEFI. #### D. Decoupling Capacitors The PCB is populated with surface-mount (SMD) multilayer ceramic capacitors (MLCCs). These filter electronic noise and ensure a stable 1.2V delivery to the high-speed DRAM chips during rapid switching. --- ### 3. Key Electronic Advantages * **Energy Efficiency:** Operating at 1.2V represents a significant power reduction compared to older DDR3 (1.5V) or DDR3L (1.35V) standards. * **Data Integrity:** The ECC (Error Correction Code) functionality allows the hardware to detect and fix single-bit errors on the fly, preventing system crashes caused by cosmic rays or electronic interference. * **Signal Integrity:** The "Registered" nature of the hardware ensures that timing signals remain crisp over the longer physical traces of a server motherboard. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RDIMM like this and a standard UDIMM?
    • ⤷ Can this memory module be used in a standard consumer desktop motherboard?
    • ⤷ How does the ECC function physically detect bit errors on this chip?