M8YV-4W44-R
AI

The **M8YV-4W44-R** is a specific part number belonging to the **M8 Series** of industrial circular connectors, commonly used in automation, sensor integration, and industrial control systems.
---
## 1. Technical Specifications
The part number typically breaks down into several key electronic and mechanical attributes. Here is the technical overview:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | M8 Circular Connector |
| **Number of Poles** | 4-Pin |
| **Gender** | Female (often indicated by 'V' or internal coding) |
| **Orientation** | Right-Angle (R) |
| **Mounting Type** | PCB Mount (Through-hole) or Wire-lead (Series dependent) |
| **Contact Plating** | Gold over Nickel (standard for reliability) |
| **Rated Voltage** | 30V AC/DC |
| **Rated Current** | 3A - 4A per contact |
---
## 2. Key Component Features
The electronic parts within this assembly are designed for harsh environments:
### A. Contact Interface
* **Gold-Plated Pins:** The 4-pin configuration utilizes gold plating to ensure low contact resistance and prevent oxidation in industrial environments.
* **Mechanical Keying:** Features "A-Coding" (standard for sensors/actuators) to prevent incorrect mating with different voltage sources.
### B. Material Composition
* **Housing:** Usually made of high-temperature thermoplastic (e.g., PBT or PA66) to withstand soldering temperatures and mechanical stress.
* **Shielding:** The "-R" variant often indicates a specific shielding or orientation configuration to reduce Electromagnetic Interference (EMI) in data transmission.
### C. Environmental Protection
* **IP Rating:** When mated, these connectors typically achieve **IP67** or **IP68** ratings, making them dust-tight and waterproof.
---
## 3. Typical Applications
The M8YV-4W44-R is primarily found in the following electronic systems:
1. **Industrial Sensors:** Connecting proximity switches, photoelectric sensors, and ultrasonic transducers to a PLC.
2. **Actuators:** Powering small solenoid valves or indicators.
3. **Robotic Arms:** Compact signal routing where space is limited and right-angle connections are necessary to prevent cable strain.
4. **Fieldbus Systems:** Used in basic I/O link modules.
- ⤷
What is the difference between A-coding and B-coding in M8 connectors?
- ⤷ How does the right-angle orientation affect signal integrity in high-frequency applications?
- ⤷ What are the specific soldering temperature limits for the M8YV series PCB mounts?