전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8YV-644-R/BL

  • AI
    The **M8YV-644-R/BL** refers to a high-density, multi-pin circular connector, typically categorized under military or aerospace grade specifications (often associated with the MIL-DTL-38999 or similar proprietary industrial series). These connectors are designed for harsh environments where vibration, moisture, and electromagnetic interference (EMI) are concerns. ### 1. Key Technical Specifications | Parameter | Specification Details | | :--- | :--- | | **Connector Type** | Circular Multi-pin Connector | | **Shell Material** | Aluminum Alloy (often with Olive Drab Cadmium or Nickel plating) | | **Contact Gender** | Male (Pins) or Female (Sockets) depending on sub-code | | **Coupling Mechanism** | Bayonet or Threaded (Self-locking) | | **Mounting Type** | Wall Mount / Panel Mount Receptacle | | **Environmental Rating** | IP67 / IP68 (Waterproof and Dust-tight) | --- ### 2. Breakdown of Components The device consists of several critical electronic and mechanical parts: * **Inserts (Dielectric):** Usually made of rigid plastic or fluorosilicone elastomer. They provide the insulation between the pins to prevent short-circuiting. * **Contacts:** Typically made of copper alloy with **gold plating**. Gold is used to ensure low contact resistance and to prevent oxidation over long periods. * **EMI Grounding Finger:** A metal spring strip inside the shell that ensures electrical continuity between the plug and receptacle to shield against radio frequency interference (RFI). * **O-Rings/Seals:** Integrated rubber gaskets that provide environmental sealing when the pair is mated. --- ### 3. Application Use-Cases These parts are commonly found in the following sectors: 1. **Industrial Automation:** Connecting sensors and actuators to PLC controllers in factories. 2. **Avionics:** Data and power transmission in aircraft control systems. 3. **Marine Electronics:** Used in sonar or GPS equipment due to high corrosion resistance. 4. **Robotics:** Heavy-duty power linkages for robotic arms. --- ### 4. Wiring Diagram Representation In a schematic, this part is represented as a multi-node junction: ```cpp // Logic representation of a 6-pin M8YV configuration Pin_1 -> VCC (+24V) Pin_2 -> Signal_A (Analog) Pin_3 -> Signal_B (Digital) Pin_4 -> GND Pin_5 -> Shield/Drain Pin_6 -> Auxiliary/NC ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pin configuration for the 644 variant?
    • ⤷ Are there specific torque requirements for mounting this connector?
    • ⤷ What are the compatible mating cable plugs for this receptacle?