전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8YV-F55-R/BL

  • AI
    The **M8YV-F55-R/BL** is a specialized electronic component typically associated with high-performance cooling fans, often used in server environments, industrial computing, or high-density electronics cooling. Below is a breakdown of its technical characteristics and internal electronic structure. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Component Type** | DC Axial Cooling Fan | | **Voltage Rating** | Typically 12V DC (Standard for F55 series) | | **Drive System** | Brushless DC (BLDC) Motor | | **Control Signal** | PWM (Pulse Width Modulation) for speed control | | **Feedback Signal** | Tachometer (FG) Output | ### 2. Internal Electronic Architecture The "brain" of the M8YV series involves several key electronic layers: * **Commutation Circuitry:** Uses Hall-effect sensors to detect the rotor's position. This information is fed to an integrated circuit (IC) that switches the current to the stator windings, eliminating the need for physical brushes. * **PWM Speed Control:** The `BL` designation often refers to specialized logic that allows for a wide dynamic range of speeds. The electronic controller interprets a 25kHz PWM signal to adjust the duty cycle of the motor drive. * **Protection Circuits:** * **Locked Rotor Protection:** Automatically cuts power to the motor coils if the fan is physically obstructed to prevent thermal runaway. * **Reverse Polarity Protection:** Prevents damage if the positive and negative leads are swapped during installation. * **Soft Start Logic:** Slowly ramps up the current when the fan starts to reduce electrical noise and mechanical stress on the system power supply. ### 3. Wiring Configuration (4-Wire Interface) Most high-end M8YV models utilize a 4-pin interface to allow for intelligent management: | Wire Color (Standard) | Function | Electronic Purpose | | :--- | :--- | :--- | | **Black** | GND | Common Ground | | **Red** | VCC | Power Supply (12V) | | **Yellow** | Tachometer (FG) | Frequency Generator signal (2 pulses per revolution) | | **Blue** | PWM | Control signal input from the Motherboard/BMC | --- ### 4. Key Performance Characteristics * **High Static Pressure:** Designed with high-pitch blades to push air through dense obstructions like heatsinks or server chassis. * **Long-Life Bearings:** Usually equipped with dual ball bearings to ensure the electronic components operate within a stable thermal environment for 50,000+ hours.
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM and CFM rating for this specific model?
    • ⤷ How do I interpret the 'R/BL' suffix in the manufacturer's part numbering system?
    • ⤷ Can this fan be used with a 3-pin header if PWM control is not required?