전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8YV-F55-R/F

  • AI
    The **M8YV-F55-R/F** is a specialized electronic component, typically identified as a high-performance **Magnetic Field Sensor (Magnetoresistive Sensor)**, commonly used in industrial automation for pneumatic cylinder position sensing. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This sensor is designed to detect the presence of a magnetic field (usually from a magnet inside a piston) and convert it into an electrical signal. | Feature | Specification Details | | :--- | :--- | | **Sensor Type** | Magnetic Sensitive / Solid State | | **Switching Logic** | PNP or NPN (Model dependent, usually Open Collector) | | **Output State** | Normally Open (NO) | | **Operating Voltage** | 10V to 30V DC | | **Load Current** | 5mA to 100mA | | **Indicator** | Red LED (Internal) | --- ### 2. Electronic Internal Components The "F55" series typically utilizes **Solid State** technology rather than a traditional reed switch. This provides several electronic advantages: * **Magnetoresistive Element:** The core sensing part that changes its electrical resistance in the presence of a magnetic field. * **Protection Circuitry:** Includes Reverse Polarity Protection and Surge Suppression to prevent damage from wiring errors or inductive spikes. * **Switching Element:** Uses a transistor (Bipolar Junction Transistor) to handle the load, allowing for millions of cycles without mechanical wear. * **Voltage Regulator:** Ensures stable operation despite fluctuations in the DC power supply. --- ### 3. Connection and Wiring The wiring follows standard industrial color coding for 3-wire DC sensors. | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | V+ | Positive Power Supply (10-30V DC) | | **Blue** | 0V | Negative / Ground | | **Black** | Output | Signal to PLC or Relay | --- ### 4. Key Performance Advantages Compared to mechanical switches, the M8YV-F55-R/F offers: 1. **High Frequency Response:** Can detect fast-moving pistons that a mechanical reed switch might miss. 2. **No Contact Bounce:** Provides a clean digital signal to the PLC, eliminating the need for software debouncing. 3. **Vibration Resistance:** Solid-state components are immune to the mechanical vibrations typical of heavy machinery. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'F' suffixes in this part number?
    • ⤷ Can this sensor be used with AC voltage instead of DC?
    • ⤷ What is the typical sensing distance for this magnetic sensor?