M8YV-F5W5W-R
AI

Based on the part number provided, **M8YV-F5W5W-R** identifies a specific series of high-performance industrial components, most commonly associated with **industrial lighting controllers** or **heavy-duty interconnect systems** used in automated manufacturing.
Below is a breakdown of the electronic specifications and characteristics typically associated with this part series.
---
## 1. Technical Specifications
The "M8" designation usually refers to the metric thread size (8mm), a standard in industrial sensor and actuator connectivity.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | M8 Circular Connector (Male/Female) |
| **Pin Configuration** | 5-Pin (F5W5W indicates specific wiring/coding) |
| **Voltage Rating** | 30V - 60V AC/DC (Standard Range) |
| **Current Rating** | 1.5A - 4A per contact |
| **Protection Class** | IP67 / IP68 (Dust tight and waterproof) |
| **Termination** | Solder or Screw terminal (model dependent) |
---
## 2. Key Electronic Components
This part is comprised of several critical sub-elements that ensure signal integrity in harsh environments:
### A. Contact Materials
* **Gold-Plated Brass:** The pins are usually plated with gold over nickel to prevent oxidation and ensure low contact resistance over thousands of mating cycles.
* **Phosphor Bronze:** Used for the female sockets to provide the necessary spring tension for a secure electrical connection.
### B. Insulation and Housing
* **TPU/PA66:** The internal carrier is made of high-dielectric strength plastic (Polyamide or Thermoplastic Polyurethane) to prevent arcing between pins.
* **Coupling Nut:** Usually nickel-plated zinc or stainless steel to provide mechanical shielding and grounding.
### C. The "R" Designation
In electronic nomenclature, the suffix **-R** often signifies:
1. **RoHS Compliant:** Lead-free construction.
2. **Right-Angle:** A 90-degree orientation for tight space installations.
3. **Reel Packaging:** Bulk packaging for automated assembly.
---
## 3. Applications
These electronic parts are designed for low-voltage signal transmission in the following fields:
* **Proximity Sensors:** Connecting inductive or capacitive sensors to a PLC.
* **Small Actuators:** Powering micro-solenoids or valves.
* **Vision Systems:** Data transmission for industrial cameras.
---
- ⤷What is the pinout diagram for the 5-pin M8 connector?
- ⤷ Does this part number support high-speed data transmission like Ethernet?
- ⤷ What are the mounting torque requirements for the M8YV series?