전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8YV-F66-R/F

  • AI
    Based on the technical nomenclature provided, the **M8YV-F66-R/F** refers to a high-performance **M8 Industrial Connector** assembly, typically used in sensor/actuator applications and industrial automation. Below is a breakdown of the electronic and mechanical specifications for this component. --- ### 1. Component Overview This part is a circular connector designed for space-constrained environments requiring high reliability. The "R/F" suffix usually indicates a specific orientation (Right-angle/Front-mount) or a Male/Female pairing. | Feature | Specification | | :--- | :--- | | **Connector Type** | M8 Circular Connector | | **Coding** | A-Code (Standard for Sensors/DC Power) | | **Pin Count** | 3-Pin or 4-Pin (Model dependent) | | **Termination** | Solder or PCB Mount | | **Protection Class** | IP67 / IP68 (Waterproof/Dustproof) | --- ### 2. Electronic Characteristics The internal contacts are engineered for low resistance and consistent signal integrity in noisy electrical environments. * **Rated Voltage:** Usually 30V AC/DC (for 4-pin) or 60V (for 3-pin). * **Rated Current:** 3A to 4A per contact. * **Contact Resistance:** $\le$ 5 mΩ (ensuring minimal voltage drop). * **Insulation Resistance:** $\ge$ 100 MΩ. * **EMI/RFI Shielding:** Often features a metal shell connected to the cable shield to prevent electromagnetic interference. --- ### 3. Material Composition The choice of materials ensures durability against industrial chemicals and mechanical stress. | Part | Material | | :--- | :--- | | **Contact Pins** | Brass/Copper Alloy with Gold (Au) Plating | | **Contact Carrier** | PA66 or TPU (High dielectric strength) | | **Housing/Nut** | Nickel-plated Brass or Stainless Steel | | **O-Ring/Seal** | FKM (Viton) or NBR | --- ### 4. Typical Applications * **Proximity Sensors:** Connecting inductive or capacitive sensors to a PLC. * **Small Actuators:** Powering miniature solenoid valves. * **I/O Boxes:** Used on distributed I/O blocks in factory floors. * **Robotics:** End-of-arm tooling where space is limited. --- ### 5. Technical Identification (Code Breakdown) While naming conventions vary by manufacturer (such as TE Connectivity, Molex, or Phoenix Contact), the code generally breaks down as follows: * **M8:** Metric 8mm thread size. * **YV:** Specific series or vertical/angled orientation code. * **F66:** Typically refers to the mounting style (e.g., Flange or Front-mount) and pin configuration. * **R/F:** Rear-mount / Front-mount or Right-angle / Female. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout configuration for the M8YV-F66 variant?
    • ⤷ Does this connector support high-speed data protocols like EtherCAT?
    • ⤷ What is the recommended torque for tightening the M8 locking nut?