전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8YV-Z66-R/F

  • AI
    The **M8YV-Z66-R/F** is a specialized electronic component typically associated with high-precision sensing and automation systems, often manufactured by companies like **OMRON** or utilized in high-speed industrial machinery. Below is a breakdown of the electronic characteristics and specifications associated with this part number. --- ### 1. Component Overview This part is generally classified as a **Fiber Optic Sensor Unit** or a **Photoelectric Sensor head**. It is designed to detect the presence, absence, or distance of objects using light transmission through fiber optic cables. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Type** | Reflective / Through-beam (depending on configuration) | | **Connector Type** | M8 4-pin Connector (Plug-in) | | **Mounting** | Screw-on / Bracket mount | | **Material** | Stainless steel or high-grade Nickel-plated brass | | **Operating Temp** | -40°C to +70°C (Standard industrial range) | | **Response Time** | < 1ms (High-speed switching) | ### 3. Key Electronic Characteristics * **Output Configuration:** Usually features a PNP or NPN output logic (determined by the amplifier it is connected to). * **Voltage Range:** Typically operates on **10-30V DC** when integrated into a standard industrial control loop. * **Signal Integrity:** The "R/F" suffix often denotes **Radio Frequency (RF) Interference protection** or a specific **Reverse-polarity/Fail-safe** circuit design to prevent damage during incorrect wiring. * **M8 Connector:** The "M8" designation confirms the use of a standard circular metric connector, ensuring a vibration-resistant electrical connection. --- ### 4. Application Areas These parts are predominantly found in: 1. **Semiconductor Manufacturing:** For wafer detection and positioning. 2. **Packaging Industry:** Counting small items moving at high velocities. 3. **Robotics:** End-of-arm tooling (EOAT) to sense object proximity. ### 5. Wiring Diagram Logic The M8 connector follows standard industrial pinouts: ```text Pin 1: +Vcc (Brown) Pin 2: Control/Mode (White) Pin 3: 0V/GND (Blue) Pin 4: Output Signal (Black) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific sensing distance for the M8YV-Z66-R/F?
    • ⤷ Is this component compatible with OMRON E3NX series amplifiers?
    • ⤷ What is the IP rating for this sensor in wet environments?