전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M8YV1-D66-R

  • AI
    The **M8YV1-D66-R** is a specific part number typically associated with high-density, small-form-factor electrical connectors, often used in industrial automation and sensor applications. It falls under the category of **M8 Circular Connectors**. --- ### 1. Technical Specifications The part number follows a modular coding system. Below is a breakdown of the typical specifications for this component: | Feature | Specification | Description | | :--- | :--- | :--- | | **Connector Type** | M8 | 8mm metric locking thread. | | **Gender** | Female / Male | Usually defined by the "V1" or "D" segment. | | **Pin Configuration** | 3 or 4 Pins | Standard for low-voltage sensor signals. | | **Mounting Style** | PCB Mount / Rear Mount | Designed for integration into electronic housings. | | **Termination** | Solder or Dip | Direct connection to a printed circuit board. | | **Orientation** | Right Angle (R) | The "R" suffix indicates a 90-degree bend. | ### 2. Electronic Characteristics * **Voltage Rating:** Typically up to **60V AC/DC**. * **Current Rating:** Usually **3A to 4A** per contact. * **Insulation Resistance:** $\geq 100 \, \text{M}\Omega$. * **Contact Resistance:** $\leq 5 \, \text{m}\Omega$. * **IP Rating:** Generally **IP67** (when mated), providing protection against dust and water immersion. ### 3. Key Electronic Components The assembly of the M8YV1-D66-R involves several specialized materials: 1. **Contact Pins:** Made of high-conductivity Copper Alloy, usually plated with **Gold (Au)** over Nickel to prevent oxidation and ensure signal integrity. 2. **Insulator/Core:** Constructed from high-temperature plastics like **PA66 or PBT**, allowing the part to withstand wave soldering processes. 3. **Housing/Shell:** Often Nickel-plated Brass or Zinc alloy for mechanical strength and EMI shielding. 4. **O-Ring:** Viton or NBR rubber for environmental sealing. --- ### 4. Application Logic In an electronic circuit, this part acts as the **Input/Output (I/O) interface**. ```cpp // Typical logical mapping for M8 Sensor Input const int sensorPin = 2; // Signal from M8 Connector Pin 4 int state = 0; void setup() { pinMode(sensorPin, INPUT); } void loop() { state = digitalRead(sensorPin); // Process sensor data... } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout diagrams for the D66 coding?
    • ⤷ How does the 'R' suffix affect the PCB footprint layout?
    • ⤷ What is the maximum operating temperature for this connector?