전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M9376-RDS3T

  • AI
    The **M9376-RDS3T** is a specialized high-performance electronic component, typically associated with industrial automation, telecommunications, or high-speed data acquisition systems (often related to Keysight PXIe modules or similar instrumentation). Below is a breakdown of the electronic parts, specifications, and architecture of this type of hardware. --- ### 1. Key Technical Specifications The device is designed for precision and stability in high-frequency environments. | Feature | Specification / Description | | :--- | :--- | | **Component Class** | PXIe (PCI eXtensions for Instrumentation) Module | | **Frequency Range** | Up to 26.5 GHz (model dependent) | | **Interface** | PCIe Gen 2/3 Multi-lane | | **Form Factor** | 1-slot PXIe | | **Signal Integrity** | Low Phase Noise / High Dynamic Range | --- ### 2. Core Electronic Subsystems The M9376-RDS3T consists of several critical electronic blocks that manage signal flow from the physical port to the digital backplane. #### A. RF/Microwave Front-End * **Step Attenuators:** Used to manage input power levels and protect sensitive internal circuitry. * **Mixers & Local Oscillators (LO):** These components down-convert high-frequency microwave signals into Intermediate Frequencies (IF) that can be sampled. * **Solid State Switches:** Provide fast signal routing with minimal insertion loss and high isolation. #### B. The Analog-to-Digital Conversion (ADC) Chain * **High-Speed ADCs:** Converts the analog IF signal into a digital bitstream. * **Anti-Aliasing Filters:** Precision low-pass filters that ensure signal purity before conversion. #### C. Logic and Processing (FPGA) * **FPGA (Field Programmable Gate Array):** Acts as the "brain" of the module. It handles real-time Digital Signal Processing (DSP), triggering, and high-speed data streaming to the host PC. * **DDR Memory:** Local high-speed RAM used for buffering large captures of data before transmission over the PXIe bus. --- ### 3. Power and Thermal Management Because of the high density of components, the electronic design includes: * **LDOs (Low-Dropout Regulators):** To provide ultra-clean, low-noise power to the analog oscillators. * **DC-DC Converters:** High-efficiency power management for the digital logic (FPGA/Memory). * **Thermal Sensors:** Integrated circuits that monitor board temperature to prevent thermal drift or hardware damage. --- ### 4. Interconnectivity The "RDS" designation often implies specific configurations for: 1. **Reference Clocks:** 10 MHz or 100 MHz inputs for synchronization with other modules. 2. **Trigger I/O:** SMB or MMCX connectors for hardware-timed event synchronization. 3. **Backplane Connector:** A multi-pin PXIe connector providing power, grounding, and high-speed data differential pairs.
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency range supported by the M9376-RDS3T?
    • ⤷ Which software drivers are required to interface with this PXIe module?
    • ⤷ How does the RDS3T variant differ from the standard M9376A model?