전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M93C46-R

  • AI
    ## Overview of the M93C46-R The **M93C46-R** is a specific variant of the 1-Kbit low-voltage serial Microwire EEPROM (Electrically Erasable Programmable Read-Only Memory). It is widely used for storing small amounts of non-volatile configuration data, such as device IDs, calibration settings, and user preferences. --- ### 1. Key Technical Specifications The table below outlines the primary electronic characteristics of the "R" variant (which typically signifies a wide voltage range). | Feature | Specification | | :--- | :--- | | **Memory Size** | 1 Kbit (1,024 bits) | | **Organization** | User selectable: 64 x 16-bit or 128 x 8-bit | | **Interface** | Microwire (3-wire serial) | | **Operating Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | Up to 2 MHz (at 5V) | | **Write Cycles** | More than 1,000,000 cycles | | **Data Retention** | > 40 Years | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### 2. Pin Configuration and Functions The device is commonly found in 8-pin packages like SO8 or TSSOP8. | Pin Name | Description | Function | | :--- | :--- | :--- | | **S** | Chip Select | Activates the device when HIGH. | | **D** | Serial Data Input | Receives instructions and data. | | **Q** | Serial Data Output | Transmits data and Status (Ready/Busy). | | **C** | Serial Clock | Synchronizes the data transfer. | | **ORG** | Organization Select | High/Floating = 16-bit; Low = 8-bit. | | **Vcc / Vss** | Power Supply | Positive supply and Ground. | --- ### 3. Core Electronic Features #### A. Microwire Interface Unlike I2C or SPI, Microwire is a simpler synchronous protocol. It requires four signals (S, C, D, Q). It is particularly efficient for microcontrollers with limited hardware resources because the protocol can be easily bit-banged. #### B. Sequential Read & Write The M93C46-R supports a variety of instructions: * **READ:** Reads data from a specific address. * **WRITE:** Writes a single word/byte. * **WREN/WRDI:** Write Enable/Disable to prevent accidental data corruption. * **ERAL/WRAL:** Erase all or Write all (used for bulk formatting). #### C. Ready/Busy Status After a Write instruction is sent, the device enters an internal write cycle. By keeping the Chip Select (**S**) high, the user can monitor the **Q** pin: * **Low (0):** Internal write is still in progress. * **High (1):** Write is complete, and the device is ready for the next command. --- ### 4. Application Use Cases * **Consumer Electronics:** Storing TV channel presets or volume levels. * **Industrial:** Storing MAC addresses or calibration constants for sensors. * **Automotive:** Storing odometer data or seat adjustment settings.
    ✨ Follow-up Questions
    • ⤷What is the difference between the M93C46-R and the M93C46-W?
    • ⤷ How do I configure the ORG pin for 8-bit mode?
    • ⤷ Can I interface this EEPROM directly with a 3.3V microcontroller?