전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M93C46-RBN3

  • AI
    ## Overview of M93C46-RBN3 The **M93C46-RBN3** is a 1-Kbit low-voltage serial EEPROM (Electrically Erasable Programmable Memory) organized as either 64 words of 16 bits or 128 words of 8 bits. It is commonly used in consumer electronics for storing configuration data and small amounts of non-volatile information. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 1 Kbit (1,024 bits) | | **Memory Organization** | 64 x 16-bit or 128 x 8-bit | | **Interface** | MICROWIRE (Serial Peripheral Interface variant) | | **Operating Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz | | **Package Type** | PDIP8 (Plastic Dual In-line Package, 8 pins) | | **Temperature Range** | -40°C to +125°C (Automotive Grade 3) | | **Endurance** | 1,000,000 Write Cycles | | **Data Retention** | 40 Years | --- ### Pin Configuration and Functions The device follows a standard 8-pin layout: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **S** | Chip Select: Activates the device when High. | | 2 | **C** | Serial Clock: Synchronizes data transfer. | | 3 | **D** | Serial Data Input: Used to write data and instructions. | | 4 | **Q** | Serial Data Output: Used to read data from memory. | | 5 | **Vss** | Ground: 0V reference. | | 6 | **ORG** | Organization Select: High = x16 mode; Low/GND = x8 mode. | | 7 | **DU** | Don't Use: Leave disconnected or connected to GND. | | 8 | **Vcc** | Supply Voltage: Power source. | --- ### Key Features and Logic Operations #### 1. Instruction Set The M93C46 is controlled via a set of 7 instructions: * **READ:** Read data from memory. * **WEN (Write Enable):** Required before any write or erase operation. * **WRITE:** Write a single word to the specified address. * **ERASE:** Erase a single word. * **WRAL (Write All):** Writes the same data to all memory locations. * **ERAL (Erase All):** Clears the entire memory. * **WDS (Write Disable):** Protects data from accidental writes. #### 2. Ready/Busy Status During a write cycle, the Data Output (**Q**) pin acts as a status indicator. After the Chip Select (**S**) is pulled Low and then High again, the device will pull **Q** Low if it is still busy writing and High once the cycle is complete. #### 3. Data Protection The device features a software-controlled write protection mechanism. Upon power-up, the device is automatically in the "Write Disabled" state to prevent data corruption during voltage fluctuations. --- ### Common Applications * **Computer Peripherals:** Storing MAC addresses or device IDs. * **Consumer Electronics:** Calibration data for digital cameras or TVs. * **Automotive:** Storing sensor settings or odometer data. * **Industrial:** Configuration parameters for PLCs or motor controllers.
    ✨ Follow-up Questions
    • ⤷What is the difference between the x8 and x16 organization modes?
    • ⤷ How does the MICROWIRE interface differ from standard SPI?
    • ⤷ What are the power consumption levels for this chip during read/write operations?