전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M93C74-RBN6

  • AI
    ## Overview of M93C76-RBN6 The **M93C76-RBN6** is a high-performance, low-voltage **8 Kbit Serial MICROWIRE EEPROM** (Electrically Erasable Programmable Read-Only Memory). It is commonly used for non-volatile data storage in consumer electronics, industrial applications, and automotive modules. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 8 Kbits (8,192 bits) | | **Organization** | Configurable: 1024 x 8 bits or 512 x 16 bits | | **Interface** | MICROWIRE (3-wire serial interface) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) | | **Package Type** | PDIP8 (Plastic Dual In-line Package, 8 pins) | | **Temperature Range** | -40°C to +85°C (Industrial Grade) | | **Write Cycles** | 1,000,000 (1 Million) Write Cycles | | **Data Retention** | > 40 Years | --- ### 2. Pin Configuration and Functions The device is housed in an 8-pin package. Below is the pinout description: | Pin Number | Name | Function | | :--- | :--- | :--- | | **1** | **S** | Chip Select (High activates the device) | | **2** | **C** | Serial Clock | | **3** | **D** | Serial Data Input | | **4** | **Q** | Serial Data Output | | **5** | **Vss** | Ground | | **6** | **ORG** | Organization Select (High = x16, Low/NC = x8) | | **7** | **DU** | Don't Use (Leave disconnected or to Vss) | | **8** | **Vcc** | Supply Voltage | --- ### 3. Core Operational Features * **Instruction Set:** The chip operates via specific 7-bit or 9-bit instructions, including READ, WRITE, ERASE, Write Enable (WEN), and Write Disable (WDS). * **Sequential Read:** It supports sequential reading, allowing the controller to read the entire memory contents by continuing the clock signal after the first address. * **Self-Timed Programming:** The write cycle is internally timed, meaning the chip handles the erasing and writing process automatically once the command is received. * **Ready/Busy Status:** During a write cycle, the Data Output (**Q**) pin can be polled to check if the device is busy or ready for the next operation. --- ### 4. Part Number Breakdown: M93C76-RBN6 To understand the specific variant, the suffix provides critical information: 1. **M93C76:** The base part number for the 8 Kbit MICROWIRE EEPROM. 2. **R:** Operating voltage range (1.8V to 5.5V). 3. **BN:** Package type (PDIP8, 0.30 inch width). 4. **6:** Temperature range code (-40 to +85 °C). --- ### 5. Common Applications * **Device Calibration:** Storing sensor offset values. * **User Settings:** Saving TV channel presets or volume levels. * **Identification:** Storing serial numbers or MAC addresses in networking equipment. * **Security:** Holding encryption keys for low-power IoT devices.
    ✨ Follow-up Questions
    • ⤷ What is the difference between MICROWIRE and SPI interfaces in EEPROMs?
    • ⤷ How does the ORG pin affect the memory addressing of the M93C76?
    • ⤷ Can the M93C76 be interfaced directly with a 3.3V microcontroller?