M95640-RDL5T
AI

The **M95640-RDL5T** is a specific variant of the M95640 family of Electrically Erasable Programmable Read-Only Memory (EEPROM) chips manufactured by **STMicroelectronics**. It is commonly used in automotive and industrial applications for non-volatile data storage.
---
### 1. Key Technical Specifications
The following table outlines the primary electrical and physical characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 64 Kbit (8,192 x 8 bits) |
| **Interface** | SPI (Serial Peripheral Interface) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | Up to 20 MHz (at 4.5V - 5.5V) |
| **Package Type** | MLP (UFDFPN8) / DFN8 |
| **Temperature Range** | -40°C to +85°C |
| **Endurance** | 4 Million Write Cycles |
| **Data Retention** | 200 Years |
---
### 2. Functional Description
The M95640-RDL5T operates as a slave device on the SPI bus. It uses a high-speed synchronous protocol consisting of four main signals:
* **S (Chip Select):** Activates the device.
* **D (Serial Data Input):** Receives instructions, addresses, and data.
* **Q (Serial Data Output):** Sends data to the SPI master.
* **C (Serial Clock):** Synchronizes data movement.
#### Pin Configuration (Standard 8-pin Layout)
1. **S#**: Chip Select
2. **Q**: Serial Data Output
3. **W#**: Write Protect
4. **VSS**: Ground
5. **D**: Serial Data Input
6. **C**: Serial Clock
7. **HOLD#**: Pause Serial Communication
8. **VCC**: Supply Voltage
---
### 3. Decoding the Part Number
The suffix **"RDL5T"** provides specific information regarding the hardware revision and packaging:
* **M95640:** Base Part Number (64 Kbit SPI EEPROM).
* **-R:** Operating Voltage Range (1.8V to 5.5V).
* **DL:** Package Code (likely referring to the UFDFPN8 thin dual flat no-lead package).
* **5:** Temperature range (-40°C to +85°C).
* **T:** Tape and Reel packing.
---
### 4. Typical Application Circuit
When integrating this part into a PCB design, decoupling capacitors are essential for stability.
```cpp
// Example: Arduino/C++ SPI Write Protection Register Logic
// This logic demonstrates how a microcontroller interacts with the M95640
#define CS_PIN 10
void setup() {
pinMode(CS_PIN, OUTPUT);
digitalWrite(CS_PIN, HIGH); // Disable chip initially
SPI.begin();
}
void writeEnable() {
digitalWrite(CS_PIN, LOW);
SPI.transfer(0x06); // WREN Instruction (0000 0110)
digitalWrite(CS_PIN, HIGH);
}
```
---
- ⤷
What are the differences between the M95640-R and the M95640-W versions?
- ⤷ How do the 'Hold' and 'Write Protect' pins function in a real-world circuit?
- ⤷ What are the PCB layout recommendations for the UFDFPN8 package to ensure thermal stability?