전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA0530-R33M1

  • AI
    The **MA0530-R33M1** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It belongs to the category of molded power chokes, known for their compact size and high current handling capabilities. ### 1. Key Technical Specifications The part number follows a standard nomenclature used by manufacturers like **Microgate** or similar high-current inductor producers. | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.33 µH (Microhenries) | | **Tolerance** | ±20% (indicated by 'M') | | **Case Size** | 0530 (approx. 5.0 x 5.0 x 3.0 mm) | | **Core Material** | Metal Alloy / Magnetic Powder | | **Current Rating (Isat)** | High (typically >15A, varies by specific brand) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Physical Construction The "0530" designation provides specific information about the physical dimensions: * **05**: Refers to the length/width footprint (approx. 5.4mm x 5.2mm). * **30**: Refers to the height (max 3.0mm). The part is a **Molded Inductor**, meaning the copper coil is placed inside a mold and pressed with metallic magnetic powder. This construction offers: 1. **Magnetic Shielding:** Reduces electromagnetic interference (EMI). 2. **Acoustic Noise Reduction:** Minimizes "buzzing" sounds during operation. 3. **High Saturation:** Unlike ferrite cores, these do not saturate "hard" (sudden drop in inductance), but rather follow a soft saturation curve. --- ### 3. Application Areas Because of its low inductance (0.33µH) and high current capacity, this part is ideal for: * **Voltage Regulator Modules (VRM):** Specifically for CPUs and GPUs. * **DC-DC Converters:** Point-of-load (POL) power supplies. * **High-frequency Switching:** Suitable for power supplies operating at high frequencies (1MHz+). * **Mobile Devices:** Laptops, tablets, and high-density servers where space is limited. --- ### 4. Part Number Breakdown `MA 0530 - R33 M 1` * **MA**: Series code (usually Metal Alloy). * **0530**: Dimensions (5.0 x 5.0 x 3.0 mm). * **R33**: Inductance value (R denotes decimal point; R33 = 0.33 µH). * **M**: Tolerance (M = ±20%). * **1**: Internal suffix or packaging code. --- ### 5. Equivalent Replacement Guide If sourcing this part, ensure the replacement matches the footprint and the **DCR** (Direct Current Resistance). ```yaml Comparison_Checklist: - Footprint: 5.4 x 5.2 mm - Height: ≤ 3.0 mm - Inductance: 0.33 µH - Saturation Current: Check if Isat ≥ Application Peak Current - Temperature: Standard -40°C to +125°C ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the MA0530 series?
    • ⤷ How does the 'soft saturation' of this inductor compare to ferrite core inductors?
    • ⤷ Which manufacturers are the primary producers of the MA0530-R33M1?