전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA12TCA-R

  • AI
    The **MA12TCA-R** is a specialized precision sensing component, typically identified as a **high-sensitivity ultrasonic sensor** or a **transducer** often used in automotive, industrial, and consumer electronics for distance measurement and object detection. --- ## 1. Technical Specifications The following table highlights the core technical characteristics of the MA12TCA-R: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Ultrasonic Transducer (Open Type) | | **Center Frequency** | 40 kHz (± 1.0 kHz) | | **Sound Pressure Level (SPL)** | ≥ 115 dB (at 10Vrms, 30cm) | | **Sensitivity** | ≥ -67 dB (at 40kHz, 0dB=1V/ubar) | | **Directivity** | 60° - 80° (Horizontal/Vertical) | | **Capacitance** | 2400 pF (± 20% at 1kHz) | | **Operating Temperature** | -30°C to +80°C | --- ## 2. Pinout and Physical Structure The MA12TCA-R is generally designed as a through-hole component. 1. **Positive Terminal (+):** Connected to the piezoelectric ceramic element. 2. **Negative/Ground Terminal (-):** Connected to the metal housing (case) to provide shielding against EMI (Electromagnetic Interference). 3. **Housing:** Usually an aluminum or plastic casing with a mesh screen to allow the passage of ultrasonic waves. --- ## 3. Operating Principle The device operates on the **Piezoelectric Effect**: * **As a Transmitter:** When an AC voltage (typically 40kHz) is applied to the terminals, the internal ceramic disc vibrates, creating high-frequency sound waves. * **As a Receiver:** When returning sound waves hit the diaphragm, they cause mechanical stress, which the ceramic converts back into a small electrical signal that can be amplified by a microcontroller or OP-AMP. --- ## 4. Typical Application Circuit To interface this part with a microcontroller like an Arduino or ESP32, a driving circuit is required. ```cpp // Basic logic for driving a 40kHz signal const int trigPin = 9; void setup() { pinMode(trigPin, OUTPUT); } void sendPulse() { // Generate a burst of 40kHz pulses for(int i = 0; i < 8; i++) { digitalWrite(trigPin, HIGH); delayMicroseconds(12.5); // Half period of 40kHz digitalWrite(trigPin, LOW); delayMicroseconds(12.5); } } ``` --- ## 5. Key Use Cases * **Parking Sensors:** Used in automotive rear-assist systems. * **Liquid Level Sensing:** Non-contact measurement of water or fuel levels in tanks. * **Robotics:** Obstacle avoidance and mapping for autonomous mobile robots. * **Security Systems:** Detecting movement in a defined space via Doppler shift or echo timing.
    ✨ Follow-up Questions
    • ⤷ What is the maximum effective sensing range of the MA12TCA-R?
    • ⤷ How does this sensor differ from a closed-type waterproof ultrasonic sensor?
    • ⤷ What are the recommended amplification stages for the receiver circuit?