전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA14FAA-R

  • AI
    The **MA14FAA-R** is a specific part number belonging to the **NTC (Negative Temperature Coefficient) Thermistor** family, typically manufactured by companies like **Thinking Electronic Industrial**. These components are primarily used for temperature sensing and circuit protection. --- ### 1. Technical Specifications Below are the typical electronic characteristics of the MA14FAA-R series: | Parameter | Specification | | :--- | :--- | | **Component Type** | NTC Thermistor | | **Resistance at 25°C** | 10k $\Omega$ (Standard for this series) | | **Tolerance** | ±1% to ±5% (depending on specific batch) | | **B-Constant** | ~3950K to 4100K | | **Operating Temperature** | -40°C to +125°C | | **Lead Style** | Radial Lead (Through-hole) | | **Coating** | Epoxy Resin (Black or Green) | --- ### 2. Physical Construction The "MA" series usually denotes a miniature epoxy-coated thermistor. * **Bead:** A small ceramic semi-conductor chip. * **Leads:** Two flexible tinned copper or alloy wires. * **Encapsulation:** Epoxy resin which provides moisture resistance and electrical insulation. --- ### 3. Working Principle As an **NTC** device, the MA14FAA-R behaves as follows: * **Temperature Increase:** The electrical resistance **decreases**. * **Temperature Decrease:** The electrical resistance **increases**. This non-linear relationship is defined by the Steinhart-Hart equation, allowing a microcontroller (like an Arduino or STM32) to calculate precise temperature by measuring the voltage drop across the thermistor. --- ### 4. Common Applications Due to its small size and high sensitivity, this part is found in: 1. **Battery Packs:** Monitoring cell temperature during charging to prevent thermal runaway. 2. **HVAC Systems:** Air temperature sensing in thermostats. 3. **Home Appliances:** Temperature control in coffee makers, ovens, or refrigerators. 4. **Medical Equipment:** Small-scale skin or fluid temperature probes. --- ### 5. Implementation Example To use this in a digital circuit, it is typically configured in a **Voltage Divider** circuit: ```cpp // Example: Basic formula for reading an NTC Thermistor float resistance = seriesResistor / (1023.0 / adcValue - 1.0); float temperature = 1.0 / (log(resistance / R0) / B + 1.0 / 298.15) - 273.15; ```
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the 'R' suffix in this part number?
    • ⤷ How does the B-constant affect the accuracy of the temperature reading?
    • ⤷ Can this part be used for inrush current limiting?